전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-36-R/Q

  • AI
    The **TCS-36-R/Q** typically refers to a high-precision, heavy-duty industrial weighing scale system (often a bench or platform scale). These systems rely on specific electronic components to convert physical force into a digital readout. Below is a breakdown of the electronic architecture and specific parts found in these units. --- ### 1. Primary Electronic Components The system is composed of four main electronic modules: | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Sensor | A strain-gauge transducer that converts pressure into an electrical signal (usually mV). | | **A/D Converter** | Processing | High-resolution Analog-to-Digital converter (often 24-bit) that digitizes the load cell signal. | | **Microcontroller (MCU)** | Logic | The "brain" that processes calibration data, unit conversion (kg/lb), and taring. | | **Display Module** | Interface | Usually an LED or LCD screen that displays the weight and status indicators. | --- ### 2. Detailed Part Specifications #### A. The Load Cell (Strain Gauge) The "heart" of the TCS-36 series is the load cell. * **Type:** S-type or Single Point aluminum/steel alloy. * **Wiring:** Typically a 4-wire configuration (Excitation+, Excitation-, Signal+, Signal-). * **Input/Output:** Operates on 5V-12V DC excitation. #### B. Main PCB Assembly The Printed Circuit Board (PCB) contains several critical sub-circuits: * **Voltage Regulator:** Ensures a stable DC voltage (usually 5V) to prevent fluctuations in weight readings. * **EEPROM Chip:** Stores calibration constants and user settings so they are not lost when power is disconnected. * **Signal Amplifier:** Boosts the tiny millivolt signals from the load cell before they reach the MCU. #### C. Power Management * **Battery:** Most "R/Q" models feature a rechargeable 4V or 6V Lead-Acid battery. * **Transformer/Adapter:** Converts AC mains (110V/220V) to low-voltage DC for charging and operation. --- ### 3. Connection Schematic (Typical) ```mermaid graph LR A[Load Cell] --> B[Amplifier/ADC] B --> C[Microcontroller] C --> D[LED/LCD Display] E[Keypad] --> C F[Power Supply/Battery] --> C ``` --- ### 4. Technical Summary for Maintenance If you are repairing or sourcing parts for a **TCS-36-R/Q**, note these electronic requirements: 1. **Calibration:** If the main PCB is replaced, the unit must be recalibrated using standard weights. 2. **Connectivity:** Look for RS-232 ports (optional in some Q models) for PC or printer integration. 3. **Display Codes:** "Err" or "LOBAT" are the most common electronic notifications indicating sensor failure or voltage drop.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate a TCS-36 series scale after replacing the load cell?
    • ⤷ What are the common pinouts for the 4-wire load cell used in this model?
    • ⤷ What is the difference between the R and Q variants in terms of electronic features?