전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-56-R/C

  • AI
    The **TCS-56-R/C** (often associated with the **TCS-56** series by manufacturers like TOCOS or specialized sensor brands) generally refers to a specific type of **Color Sensor** or **Optical Sensing Module**. These parts are designed to detect light intensity and color values and convert them into electronic signals. Below is an explanation of its electronic components and characteristics. --- ### 1. Core Electronic Architecture The device is typically an integrated optoelectronic circuit. Its internal structure consists of several key layers: | Component | Function | | :--- | :--- | | **Photodiode Array** | Converts incoming light (photons) into an electrical current. | | **Color Filters** | Red, Green, Blue, and Clear (RGB-C) filters placed over the photodiodes to select specific wavelengths. | | **Transimpedance Amp** | Converts the low-level current from the photodiodes into a measurable voltage. | | **A/D Converter** | (In digital versions) Converts the analog voltage into a digital signal (I2C or PWM). | --- ### 2. Technical Specifications While specific datasheets can vary by manufacturer, the **TCS series** (like the common TCS3200 or TCS34725 counterparts) generally follows these parameters: * **Supply Voltage ($V_{CC}$):** Usually operates between **2.7V and 5.5V**, making it compatible with both Arduino (5V) and ESP32/ARM (3.3V) systems. * **Output Type:** * **Frequency Output:** The output is a square wave with a frequency directly proportional to light intensity. * **Digital (I2C):** Some "R/C" variants utilize a serial interface for direct color temperature reading. * **Operating Temperature:** Typically rated from **-40°C to +85°C**. --- ### 3. Pinout and Connection Logic Most TCS-56 style modules utilize a standard pin header: 1. **GND:** Ground connection. 2. **VCC:** Power supply. 3. **S0 / S1:** Output frequency scaling selection (allows the user to optimize for different microcontrollers). 4. **S2 / S3:** Photodiode type selection (Red, Green, Blue, or Clear). 5. **OUT:** The signal pin that pulses based on the color detected. 6. **LED Control:** A pin to toggle the onboard white LEDs used to illuminate the target object. --- ### 4. How it Works (The Sensing Process) 1. **Illumination:** The onboard white LEDs shine light on the object. 2. **Reflection:** The object reflects specific wavelengths (e.g., a red object reflects red light). 3. **Filtering:** The TCS-56 filters the reflection. By cycling through S2/S3 pins, the sensor tells the internal circuitry to "only look at Red," then "only look at Green," etc. 4. **Conversion:** The sensor outputs a frequency. A high frequency for "Red" means a high concentration of red color is present. --- ### 5. Common Applications * **Industrial Sorting:** Sorting products on a conveyor belt by color. * **Robotics:** Line following or object recognition. * **Printing:** Calibration of color ink density. * **Ambient Light Sensing:** Adjusting screen brightness based on environmental color temperature. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TCS-56 and the TCS3200 color sensor?
    • ⤷ How do I calibrate the TCS-56 for accurate white balance?
    • ⤷ Can the TCS-56 sensor be used to measure UV light?