TCS-5D-R/
AI

The **TCS-5D-R** is a specific type of **Low Profile, Subminiature Signal Relay**. These components are widely used in telecommunications, security systems, and computer peripherals due to their small footprint and reliability in switching low-power signals.
---
### 1. Key Technical Specifications
The "5D" in the part number typically refers to a **5V DC Coil Voltage**, and "R" often denotes specific packaging (like Tape & Reel) or high-sensitivity variants depending on the manufacturer (commonly brands like **Taiko** or **Generic clones**).
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Form** | SPDT (1 Form C) |
| **Nominal Coil Voltage** | 5V DC |
| **Max Switching Current** | 1A to 2A |
| **Max Switching Voltage** | 120V AC / 24V DC |
| **Contact Material** | Gold-overlay Silver Alloy |
| **Terminal Type** | PCB Through-hole |
---
### 2. Internal Electronic Components
A relay like the TCS-5D-R consists of several internal parts that work together to perform the switching action:
* **Electromagnetic Coil:** A fine copper wire wound around a core. When 5V DC is applied, it creates a magnetic field.
* **Armature:** A moving lever that is attracted by the magnetic field of the coil.
* **Contacts:** The actual "switch" points. The TCS series usually features gold-plated contacts to prevent oxidation and ensure low contact resistance for small signals.
* **Spring:** Returns the armature to its original position (Normally Closed) once power is removed from the coil.
---
### 3. Connection Diagram (Standard Layout)
Most TCS series relays follow a standard 5-pin layout:
```text
Bottom View Layout:
+-----------------+
| (1) (2) | <-- Coil Pins
| |
| (3) (4) | <-- NC (Normally Closed) & NO (Normally Open)
| (5) | <-- COM (Common)
+-----------------+
```
---
### 4. Implementation Circuit
To safely drive a TCS-5D-R using a microcontroller (like an Arduino or ESP32), a protection circuit is required to handle the "Inductive Kickback" from the coil.
```cpp
// Example of how to trigger the relay via a transistor
// Components: NPN Transistor (2N2222), 1k Resistor, 1N4148 Diode
[MCU Pin] ---- [1k Resistor] ---- [Base of Transistor]
[Collector] ---- [Relay Coil Pin 1]
[Emitter] ---- [GND]
[5V VCC] ----------------------- [Relay Coil Pin 2]
// IMPORTANT: Place a Flyback Diode (1N4148) across Coil Pin 1 and 2
// to prevent voltage spikes from destroying the transistor.
```
---
- ⤷
What is the power consumption of the TCS-5D-R coil?
- ⤷ Can I use this relay to switch 220V AC household appliances?
- ⤷ What are the common alternatives or equivalents to the TCS-5D-R relay?