전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-5E-R/E

  • AI
    The **TCS-5E-R/E** is a specific series of high-precision, sub-miniature temperature control sensors often utilized in industrial thermal management and consumer electronics protection. Below is a breakdown of the electronic specifications and characteristics for this component series. ### 1. Technical Specifications The "TCS" series typically functions as a **snap-action thermostat** or a thermal protector. | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Type** | Normally Closed (NC) or Normally Open (NO) | | **Voltage Rating** | 125V AC / 250V AC | | **Current Rating** | 5A (standard for 5E series) | | **Temperature Range** | 50°C to 150°C (depending on model suffix) | | **Tolerance** | ±5°C | | **Life Cycle** | ~10,000 cycles | | **Mounting** | PC Board (PCB) or Lead Wire | --- ### 2. Core Electronic Components The internal mechanism of the TCS-5E-R/E relies on mechanical-to-electrical conversion: * **Bimetallic Disc:** The heart of the part. It consists of two bonded metals with different thermal expansion coefficients. At a specific temperature (the "set point"), the disc snaps into a concave or convex shape. * **Stationary and Movable Contacts:** Usually silver or silver-alloy plated to ensure low contact resistance and prevent oxidation over time. * **Phenolic/Ceramic Housing:** The "R/E" variants often feature heat-resistant resin or ceramic bodies to provide electrical insulation and structural integrity under high heat. --- ### 3. Suffix Identification (R/E) In electronic part numbering, suffixes define the physical orientation and material properties: 1. **"R" (Radial/Right Angle):** This usually denotes the lead configuration. A radial lead comes out of the side or bottom in a specific orientation suitable for tight PCB layouts. 2. **"E" (Epoxy/Enhanced):** Often indicates an epoxy-sealed base to prevent moisture ingress or provide higher dielectric strength. --- ### 4. Application Logic These parts are used as **limit switches** or **safety cut-offs**. * **Overheat Protection:** In a Normally Closed configuration, the TCS-5E stays closed during normal operation. If the temperature exceeds the limit, the bimetal disc snaps, breaking the circuit and stopping the flow of electricity to the heater or motor. * **Automatic Reset:** Once the temperature drops below a specific "reset temperature," the disc snaps back, re-establishing the electrical connection. --- ### 5. Schematic Representation In a circuit diagram, the part is represented as a thermal switch: ```text (Line In) ----/ ---- (Load) / [ Thermal ] [ Switch ] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific differential between the trip and reset temperatures for the TCS-5E?
    • ⤷ Is there a surface-mount (SMD) version of the TCS series available?
    • ⤷ How does the 'R' mounting style affect heat dissipation compared to standard vertical mounting?