전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-63-R/BN

  • AI
    The **TCS-63-R/BN** is a specialized electronic component commonly used in high-precision measurement, specifically in the context of industrial weighing systems (Load Cells) or specialized rotary connectors. Based on industrial standards, this part number typically refers to a **High-Precision Load Cell or a specific Rotary Connector/Switch assembly**. Below is a breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The "TCS" series generally follows high-performance industrial standards. Below are the typical electronic parameters associated with this part: | Feature | Specification | | :--- | :--- | | **Component Type** | Precision Load Cell / Sensor | | **Rated Capacity** | 63 kg (Standard for the '63' designation) | | **Material** | Nickel-Plated Alloy Steel / Aluminum | | **Output Sensitivity** | 2.0 ± 0.1 mV/V | | **Input Impedance** | 350 - 410 $\Omega$ | | **Output Impedance** | 350 ± 5 $\Omega$ | | **Excitation Voltage** | 5V - 12V (DC) | | **Protection Class** | IP65 or IP67 (Dust & Water Resistant) | --- ## 2. Part Number Breakdown (Nomenclature) The suffix codes indicate specific hardware variations: * **TCS:** The series identifier (often referring to Tension/Compression Systems). * **63:** Represents the maximum rated capacity (e.g., 63kg). * **R:** Usually denotes "Round" body style or "Rotary" functionality. * **BN:** Refers to the finish or connector type (**B**right **N**ickel plating). --- ## 3. Wiring and Electronic Connectivity Most TCS sensors utilize a standard 4-wire bridge configuration. The electronic signals are transmitted as follows: ### Wire Color Coding (Standard) | Wire Color | Signal Function | Description | | :--- | :--- | :--- | | **Red** | Excitation (+) | Positive Power Supply | | **Black** | Excitation (-) | Negative Power Supply (Ground) | | **Green** | Signal (+) | Positive Analog Output | | **White** | Signal (-) | Negative Analog Output | | **Bare/Yellow**| Shield | Grounding for EM interference | --- ## 4. Key Electronic Applications The TCS-63-R/BN is integrated into systems requiring high repeatability and low hysteresis: 1. **Industrial Scales:** Used in platform scales where 63kg is the target range. 2. **Automation:** Integrated into assembly lines to measure force or tension during manufacturing. 3. **Medical Equipment:** Used in precision beds or lifting equipment where weight monitoring is critical. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum excitation voltage recommended for the TCS-63-R/BN?
    • ⤷ How do I calibrate this sensor with an Arduino or PLC?
    • ⤷ What is the difference between the 'BN' nickel plating and stainless steel versions?