전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-65-R/Q

  • AI
    The **TCS-65-R/Q** series refers to high-performance, compact **Thermal Control Systems** (often categorized under cooling solutions for telecommunications or industrial servers). These units are designed to regulate temperatures for sensitive electronics using advanced airflow and monitoring circuitry. --- ### 1. Core Electronic Components The system relies on a combination of power management, sensing, and mechanical control electronics. | Component | Description | Function | | :--- | :--- | :--- | | **DC Brushless Motors** | High-efficiency 48V or 24V motors. | Drives the fan blades with minimal electromagnetic interference (EMI). | | **PWM Controller** | Pulse Width Modulation circuit. | Adjusts the speed of the fans dynamically based on heat load. | | **NTC Thermistors** | Negative Temperature Coefficient sensors. | Provides real-time thermal feedback to the control board. | | **Tachometer Output** | Hall-effect sensor integrated into the motor. | Sends a frequency signal back to the system to monitor RPM and detect failures. | --- ### 2. Control Logic and Communication The "R" and "Q" designations often signify specific wiring configurations or communication protocols: * **Speed Control (PWM):** Allows the host system to throttle the fans. This reduces power consumption and noise when the electronic load is low. * **Alarm Signals:** Many TCS models feature an "Open Collector" alarm. If the fan drops below a certain RPM, the circuit closes/opens to trigger a system shutdown to prevent overheating. * **Locked Rotor Protection:** An electronic safety feature that cuts power to the motor coils if the blades are obstructed, preventing the PCB from burning out. --- ### 3. Technical Specifications (Typical) Electronic performance is measured by the efficiency of the power conversion and the precision of the air movement. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC / 48V DC (Typical for R/Q series) | | **Signal Type** | PWM (Speed) + FG (Frequency Generator/Tach) | | **Insulation Class** | Class E or Class B | | **Electronic Protection** | Reverse Polarity and Overcurrent Protection | --- ### 4. Circuit Diagram Logic (Simplified) Below is a representation of how the electronic interface is structured: ```mermaid graph LR A[Power Supply 48V] --> B[Internal Voltage Regulator] B --> C[Microcontroller/Logic] D[External PWM Signal] --> C C --> E[Inverter/Driver Bridge] E --> F[Fan Motor] F --> G[Hall Sensor] G --> C C --> H[Alarm/FG Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the R and Q versions?
    • ⤷ How does the PWM frequency range affect the noise profile of these units?
    • ⤷ What are the common failure modes for the control PCB in TCS units?