전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-6D-R

  • AI
    ## Electronic Components Overview: TCS-6D-R The **TCS-6D-R** is a specific model of an electronic temperature control switch (often used in commercial refrigeration or industrial heating systems). Below is a breakdown of its primary electronic parts and their functions. --- ### 1. Core Electronic Components | Component | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" | Processes input signals from sensors and executes programmed logic to trigger outputs. | | **NTC/PTC Sensor Port** | Input Interface | The terminals where the thermistor (temperature probe) connects to provide analog resistance data. | | **Electromechanical Relay** | Switching | A high-power switch (typically rated 10A-30A) that physically opens/closes the circuit for the compressor or heater. | | **SMPS Unit** | Power Supply | A Switched-Mode Power Supply that converts AC mains (110V/220V) to low-voltage DC for the internal circuitry. | | **LED/LCD Display** | User Interface | A 3-digit or 4-digit segment display used to show real-time temperature and parameter settings. | --- ### 2. Operational Circuitry The TCS-6D-R relies on three main circuit paths to function: 1. **Sensing Circuit:** * Uses a **Voltage Divider** circuit to translate the resistance of the NTC probe into a voltage that the MCU can read via an Analog-to-Digital Converter (ADC). 2. **Control Circuit:** * Consists of tactile buttons and the MCU. When a user sets a "Set Point," the MCU stores this value in **EEPROM** (Non-volatile memory) so it isn't lost during power outages. 3. **Output Circuit:** * Uses a **Transistor/Optocoupler** to drive the coil of the output relay. The "R" in the model name usually signifies the **Relay output** configuration. --- ### 3. Technical Specifications (Typical) ```json { "Model": "TCS-6D-R", "Input Voltage": "220VAC / 110VAC +/- 10%", "Sensor Type": "NTC (10K ohm at 25°C)", "Output Capacity": "10A / 250VAC", "Temperature Range": "-50°C to 120°C", "Accuracy": "±1°C" } ``` --- ### 4. Common Terminal Layout | Terminal Number | Designation | Purpose | | :--- | :--- | :--- | | 1 & 2 | Power Input | Connection to main AC power supply. | | 3 & 4 | Probe/Sensor | Connection for the temperature sensing bulb. | | 5 & 6 | Relay Contact | The "dry contact" switch that controls the external load. |
    ✨ Follow-up Questions
    • ⤷ What are the most common failure points in the TCS-6D-R electronic board?
    • ⤷ How do you calibrate the NTC sensor on this specific model?
    • ⤷ Can the relay in the TCS-6D-R be replaced with a Solid State Relay (SSR)?