전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-70-R/CE

  • AI
    The **TCS-70-R/CE** is a specialized electronic component, typically identified as a **high-current terminal block** or a **busbar connector system** often used in industrial power distribution, telecommunications, or battery management systems. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The "R/CE" suffix usually indicates compliance with European safety standards (CE) and specific mounting or orientation configurations (often "R" for Right-angle or Reverse). | Feature | Description | | :--- | :--- | | **Component Type** | Power Terminal / Busbar Connector | | **Current Rating** | Typically 70A (Amperes) | | **Voltage Rating** | 600V AC/DC (Standard Industrial) | | **Termination Method** | Screw-down or Crimp-on | | **Housing Material** | High-temperature Thermoplastic (UL94V-0) | --- ### 2. Electronic/Physical Characteristics The electronic performance of the TCS-70-R/CE is defined by its ability to maintain low resistance under high thermal loads. * **Contact Resistance:** Engineered to be extremely low (typically <1mΩ) to prevent voltage drops and heat buildup. * **Dielectric Strength:** Capable of withstanding high-voltage surges without insulation breakdown, usually tested up to 2500V AC. * **Thermal Dissipation:** The "R" configuration often involves a specific geometry that allows for better airflow or fits into tight enclosures without stressing the copper trace or wire. --- ### 3. Compliance and Standards (The "CE" Factor) The **CE** marking is critical for the electronic integrity of this part when used in the European Economic Area: 1. **Low Voltage Directive (LVD):** Ensures the part is safe for use within specific voltage ranges. 2. **RoHS Compliance:** The electronic contacts and plating (often Tin or Silver over Copper) are free from lead, mercury, and other hazardous substances. 3. **Mechanical Stability:** The "CE" designation confirms the part can handle vibration and mechanical shock without interrupting the electrical circuit. --- ### 4. Typical Applications * **Uninterruptible Power Supplies (UPS):** Used to bridge battery banks. * **Industrial Control Panels:** Acting as the main power input terminal. * **Telecommunication Racks:** Distributing DC power to various server modules. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum wire gauge (AWG) supported by the TCS-70-R/CE?
    • ⤷ Does this component require specific torque settings for electrical safety?
    • ⤷ Are there alternative models with higher current ratings than 70A?