전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-70-R/Q

  • AI
    The **TCS-70-R/Q** series refers to specific models of high-precision electronic platform scales (often under brands like Total Comp or similar industrial manufacturers). These devices integrate mechanical structures with precision electronics to convert physical weight into a digital readout. --- ### Core Electronic Components The system relies on four primary electronic subsystems: | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Sensor | The "heart" of the scale. It uses strain gauges to convert mechanical force into a small millivolt (mV) electrical signal. | | **A/D Converter** | Signal Processing | Converts the analog voltage from the load cell into a high-resolution digital signal that the CPU can understand. | | **Microcontroller** | Logic / CPU | Processes the digital weight data, handles tare calculations, and manages the user interface. | | **LCD/LED Display** | User Interface | Displays weight, unit price, and total price (in "Q" models often used for price computing). | --- ### Technical Specifications (Electronic) The electronics are designed for industrial durability. Typical specifications for the TCS-70 series include: * **Excitation Voltage:** Usually 5V DC or 10V DC supplied to the load cell. * **Power Source:** Dual power mode. * **AC:** 110V/220V Transformer. * **DC:** Built-in 4V or 6V Lead-Acid rechargeable battery. * **Internal Resolution:** Typically 1/30,000 counts for high accuracy. * **Communication:** Optional RS-232 port for connecting to a PC or printer. --- ### Difference Between R and Q Models While they share the same base electronics, their interface configurations differ: 1. **TCS-70-R (Standard):** Focuses on simple weighing. The electronics support basic functions like Zero, Tare, and Unit switching (kg/lb). 2. **TCS-70-Q (Price Computing):** Features a more complex keypad and three separate display windows (Weight, Unit Price, and Total Price). The firmware includes multiplication logic for retail applications. --- ### Troubleshooting Common Electronic Issues If the unit fails to operate, check the following electronic points: ```json { "Error_Code": "Err-1", "Meaning": "Load cell signal out of range (Check wiring)", "Error_Code": "Lo-Ba", "Meaning": "Battery voltage below 3.5V (Charge required)", "Error_Code": "OFL", "Meaning": "ADC Overload (Sensor physical damage)" } ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-70 load cell?
    • ⤷ What are the pinouts for the RS-232 port on this model?
    • ⤷ Can the lead-acid battery be replaced with a Lithium-Ion equivalent?