전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-7F-R/E

  • AI
    The **TCS-7F-R/E** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch**. These components are widely used in consumer electronics, industrial controls, and medical devices to provide a physical interface for users to input commands. --- ### 1. Technical Specifications Below is a breakdown of the typical electrical and physical characteristics of this part: | Characteristic | Specification | | :--- | :--- | | **Type** | Tactile Switch (Push Button) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Circuit Type** | SPST (Single Pole Single Throw) | | **Function** | Momentary (Normally Open) | | **Operating Force** | Typically 160gf to 250gf | | **Rating** | 50mA, 12V DC | | **Contact Resistance** | < 100 mΩ | | **Life Cycle** | ~100,000 to 500,000 cycles | --- ### 2. Physical Design and Dimensions The "7F" in the part number usually refers to the size footprint (often 7.0mm x 7.0mm or related to the height profile). - **Actuator:** The top part that is pressed; usually made of hard plastic. - **Terminals:** The "R/E" suffix often denotes the packaging style (e.g., **Reel** for automated pick-and-place machines) and the lead configuration (Gull-wing or J-bend). - **Internal Contact:** A metal dome that provides tactile feedback (the "click") and completes the circuit when depressed. --- ### 3. Key Electronic Functions The TCS-7F-R/E serves three primary functions in a circuit: 1. **Signal Switching:** It does not carry heavy power; instead, it sends a digital signal (Logic High or Low) to a Microcontroller (MCU). 2. **Tactile Feedback:** It provides the user with physical confirmation that a button press has been registered. 3. **Debouncing Requirement:** Like most mechanical switches, it generates electrical "noise" (bouncing) during the transition. Engineers must use a capacitor or software code to "debounce" the signal. --- ### 4. Typical Applications - **Consumer Electronics:** Volume buttons, power switches on cameras, or remote controls. - **Home Appliances:** Control panels for microwave ovens or washing machines. - **Peripheral Devices:** Reset buttons on routers or mouse buttons. --- ### 5. Schematic Symbol In an EDA tool (like Altium or KiCad), the switch is represented as: ```text 1 o-------/ --------o 2 (Switch) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint size for the TCS-7F-R/E in millimeters?
    • ⤷ What are the soldering temperature requirements for this SMD component?
    • ⤷ How do I implement a debouncing circuit for this switch?