전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-7F-R/Q

  • AI
    ## Overview of the TCS-7F-R/Q Series The **TCS-7F-R/Q** refers to a specific series of high-performance **pressure sensors** (transducers), typically manufactured by companies like Nagano Keiki. These are utilized primarily in industrial applications for measuring the pressure of liquids and gases with high accuracy. --- ### 1. Core Electronic Specifications The "R" and "Q" designations usually refer to specific output signals or connector types within the product line. Below are the typical electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Excitation Voltage** | 12 to 24V DC (typical range) | | **Output Signal** | 4-20mA DC (Current) or 1-5V DC (Voltage) | | **Accuracy** | ±0.5% F.S. (Full Scale) or better | | **Operating Temp** | -20°C to +70°C | | **Circuit Protection** | Reverse polarity protection & Surge protection | --- ### 2. Key Electronic Components The device operates using a combination of mechanical sensing and electronic signal conditioning: 1. **Sensing Element (Strain Gauge):** * Uses a **Stainless Steel Diaphragm** with a sputtered or bonded thin-film strain gauge. * As pressure is applied, the resistance of the gauge changes (Piezoresistive effect). 2. **Signal Conditioner (ASIC):** * Converts the minute resistance changes from the bridge circuit into a standardized linear output. * Performs temperature compensation to ensure readings don't drift as the environment heats up. 3. **EMI/RFI Filtering:** * Internal capacitors and inductors protect the electronics from electromagnetic interference common in industrial environments. --- ### 3. Wiring and Connection (R/Q Variations) The suffix in the model number often dictates how the electronic part interfaces with a PLC or Controller: * **TCS-7F-R:** Often denotes a specific cable lead type or a particular pressure range calibration. * **TCS-7F-Q:** Often indicates a **Plug-in Connector** (like an M12 or DIN connector) rather than a fixed cable, allowing for easier replacement. #### Typical 3-Wire Voltage Connection ```python # Electronic Wiring Logic (1-5V Output) Pin 1 (Red): Power Supply (+) Pin 2 (Black): Common/Ground (-) Pin 3 (White): Signal Output (+) ``` --- ### 4. Application Environments Because of its rugged electronic design, the TCS-7F series is found in: * Hydraulic machinery control. * Water treatment pressure monitoring. * Air conditioning (HVAC) refrigerant monitoring. * Industrial process automation.
    ✨ Follow-up Questions
    • ⤷ What is the specific pressure range for the R vs Q models?
    • ⤷ How do I calibrate the zero point on a TCS-7F sensor?
    • ⤷ Are these sensors compatible with corrosive chemical fluids?