전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-7Z-R/

  • AI
    The **TCS-7Z-R** (and its variants like the TCS-7Z series) is a high-precision, industrial-grade **Thermo-Cooling Stage** or **Peltier-based Temperature Controller**, often used in microscopy, semiconductor testing, or laboratory automation. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Electronic Components The system functions through a combination of power electronics and precision sensing: | Component | Function | Description | | :--- | :--- | :--- | | **Peltier Element (TEC)** | Heat Transfer | The core solid-state device that moves heat from one side to the other using the Peltier effect. | | **PT100 / Thermistor** | Temperature Sensing | High-precision Platinum Resistance Thermometer (PRT) used for real-time feedback. | | **H-Bridge Driver** | Directional Control | Reverses the current flow to switch the device between cooling and heating modes. | | **PID Controller** | Logic & Stability | A Proportional-Integral-Derivative algorithm that ensures the temperature reaches the setpoint without overshooting. | | **RS-232/USB Interface** | Communication | Allows the electronic stage to be controlled via PC software or PLC. | --- ## 2. Technical Specifications Typically, these units are designed for stability rather than just raw power. ### Electrical Characteristics * **Power Supply:** Usually 100V - 240V AC (Internal switching power supply). * **Temperature Range:** Typically -20°C to +120°C (depending on the specific cooling medium/heatsink). * **Resolution:** 0.1°C or 0.01°C (Electronic display resolution). * **Stability:** ±0.1°C under steady-state conditions. --- ## 3. Connectivity and Interface The TCS-7Z-R features specific ports for integration into automated environments: ### I/O Ports 1. **Sensor Input:** 4-pin or DIN connector for the external temperature probe. 2. **DC Output:** High-current leads going to the Peltier stage. 3. **Communication:** DB9 (RS-232) for command-line control (Set Temp, Read Temp). 4. **Alarm Output:** Relay contact used to trigger an emergency stop if temperatures exceed safety limits. --- ## 4. Operational Safety Features The electronic design includes several protection layers to prevent hardware failure: * **Over-Current Protection:** Limits the amperage sent to the Peltier element to prevent burnout. * **Thermal Runaway Protection:** If the sensor fails or is disconnected, the controller automatically cuts power. * **Fan Control:** Integrated DC fan headers that ramp up based on the heatsink temperature to maintain efficiency. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols used by the TCS-7Z-R for PC integration?
    • ⤷ How do you calibrate the PT100 sensor within this unit?
    • ⤷ Can the TCS-7Z-R be used with liquid cooling blocks for extended temperature ranges?