전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-80-R/BL

  • AI
    The **TCS-80-R/BL** is a specific model within the series of high-precision electronic platform scales, commonly used in industrial and commercial weighing. The alphanumeric code typically breaks down as follows: **TCS** (Electronic Platform Scale), **80** (Capacity, often 80kg or 800lb), and **R/BL** (Indicating a specific Indicator model, often featuring a Back-Light or Remote functionality). Below is a detailed breakdown of its electronic components. --- ### 1. The Load Cell (The Sensor) The load cell is the most critical electronic component. It converts mechanical force (weight) into an electrical signal. | Component | Function | | :--- | :--- | | **Strain Gauges** | Small resistors bonded to the metal body of the load cell that change resistance when deformed. | | **Wheatstone Bridge** | A circuit arrangement that detects minute changes in the strain gauges' resistance. | | **Excitation Voltage** | The electronic indicator provides a stable DC voltage (usually 5V or 10V) to power the load cell. | ### 2. The Electronic Indicator (The Controller) The "R/BL" designation refers specifically to the head unit/display. It processes the raw millivolt signal from the load cell. * **A/D Converter (Analog-to-Digital):** Converts the analog voltage from the load cell into a digital value the CPU can understand. High-precision models usually feature a 24-bit A/D converter. * **Microcontroller (MCU):** The "brain" that runs the firmware for Taring, Zeroing, Unit Conversion (kg/lb), and Price Calculation. * **LCD/LED Display (BL - Backlight):** The "BL" suffix signifies a Backlit display, which uses an array of LEDs behind the LCD panel to ensure visibility in low-light environments. ### 3. Power Supply System These scales are designed for both stationary and portable use. * **Lead-Acid/Lithium Battery:** Typically a 4V or 6V rechargeable battery located inside the indicator housing. * **AC/DC Adapter:** Converts wall power to low-voltage DC to charge the battery and run the electronics. * **Voltage Regulator:** Ensures the internal electronics receive a constant voltage even as the battery drains. ### 4. Connectivity and Interfaces | Interface Type | Purpose | | :--- | :--- | | **RS-232 Port** | Often found in the "R" (Remote/RS) versions to connect the scale to a PC, printer, or external large display. | | **Load Cell Connector** | Usually a 4-pin or 5-pin aviation-style plug that connects the platform base to the indicator. | --- ### Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Input Signal Range** | 0mV ~ 15mV | | **Load Cell Excitation** | DC 5V | | **A/D Resolution** | 1/30,000 | | **Operating Temperature** | -10°C to +40°C | | **Power Consumption** | < 5W (Backlight off) |
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-80 series indicator if the readings are inaccurate?
    • ⤷ What is the difference between a 4-wire and 6-wire load cell connection in these scales?
    • ⤷ How can I troubleshoot a 'Low Battery' error when the scale is plugged into AC power?