전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-N4-R

  • AI
    The **TCS-N4-R** typically refers to a high-precision, industrial-grade **Electronic Platform Scale** (or its specific weighing indicator/controller). These systems are designed for commercial and industrial weighing applications, such as warehouses or logistics hubs. Below is a breakdown of the primary electronic components that make up the TCS-N4-R system. ### 1. Primary Electronic Components | Component | Function | Technical Details | | :--- | :--- | :--- | | **Load Cell** | The primary sensor. | Usually uses strain gauges in a Wheatstone bridge configuration to convert physical pressure into a millivolt (mV) signal. | | **A/D Converter** | Signal processing. | High-resolution Analog-to-Digital converter (often 20-bit or 24-bit) that translates small voltage changes into digital data. | | **Microcontroller (MCU)** | The "Brain". | Processes the digital signal, handles calibration data, manages the display, and executes tare/zero functions. | | **LED/LCD Display** | User Interface. | Typically a high-contrast 6-digit display showing weight, unit price, and total amount. | | **Power Supply Unit** | Energy Management. | Includes an AC/DC transformer and a charging circuit for the internal lead-acid or Lithium battery. | --- ### 2. Detailed Technical Specifications The electronics are designed to provide stability and accuracy under varied environmental conditions. #### A. The Load Cell Interface * **Excitation Voltage:** Usually 5V DC. * **Sensitivity:** Often 2.0 ± 0.2 mv/V. * **Input Impedance:** Approximately 350-400 Ohms. #### B. The Main Logic Board (PCB) The PCB houses several critical sub-circuits: * **EEPROM Chip:** Stores calibration constants and user settings so they aren't lost when the power is turned off. * **Voltage Regulator:** Ensures the sensitive A/D converter receives a steady voltage, preventing weight "drifting." * **Keypad Matrix:** A membrane or mechanical switch interface for inputs like `TARE`, `ZERO`, and `SET`. #### C. Connectivity & Ports Most TCS-N4-R indicators include: * **RS-232 Port:** For connecting to a PC, external printer, or large-screen remote display. * **Battery Protection:** Circuits to prevent overcharging and deep discharge of the internal 4V or 6V battery. --- ### 3. Error Codes & Electronic Troubleshooting If the electronic components fail, the device usually displays specific codes: | Error Code | Meaning | Likely Electronic Fault | | :--- | :--- | :--- | | **Err 1 / Err L** | Low Battery | Voltage regulator or battery cell failure. | | **Err 2 / Over** | Overload | Load cell signal is exceeding the A/D converter's limit. | | **---** | Unstable | Interference in the signal line or damaged strain gauge. |
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the TCS-N4-R indicator?
    • ⤷ What are the pinout configurations for the RS-232 port on this model?
    • ⤷ Can the load cell in a TCS-N4-R be replaced with a different brand?