전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TCS-NF-R/K

  • AI
    The **TCS-NF-R/K** is a specialized thermal control component, typically used as a **Thermostat** or **Thermal Cut-out Switch** in industrial applications, heating elements, or household appliances. It is designed to interrupt or regulate electrical flow based on temperature thresholds. --- ### 1. Key Electronic Specifications The performance of the TCS-NF-R/K is defined by its electrical ratings and thermal sensitivity. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Type** | Normally Closed (NC) - Opens on Temp Rise | | **Rated Voltage** | 125V / 250V AC | | **Current Rating** | 5A to 16A (Varies by specific sub-model) | | **Temperature Range** | 50°C to 150°C (Pre-set at factory) | | **Tolerance** | ±3°C to ±5°C | | **Reset Type** | Automatic (R) or Manual (K) | --- ### 2. Breakdown of the Model Code The suffix letters provide critical information about how the electronic circuit behaves: * **TCS:** Thermal Control Switch series identifier. * **NF:** Non-Fuse (indicates a bimetallic disc mechanism rather than a one-time thermal fuse). * **R (Reset):** Denotes an **Automatic Reset**. Once the device cools down below the differential temperature, the contacts close again automatically. * **K (Keep/Manual):** Denotes a **Manual Reset** (or trip-free). Once the temperature limit is reached, the circuit remains open until a human operator manually pushes a reset button. --- ### 3. Internal Components & Mechanism The device operates using a **Bimetallic Snap-Action Disc**. 1. **Terminal Pins:** Silver-plated copper or brass connectors for wiring into the main circuit. 2. **Bimetal Disc:** Two bonded metals with different expansion coefficients. At the set temperature, the disc "snaps" its shape. 3. **Actuator Pin:** A ceramic or high-temp plastic rod that transfers the movement of the disc to the electrical contacts. 4. **Contacts:** Usually made of silver alloy to prevent oxidation and ensure low electrical resistance during operation. --- ### 4. Circuit Diagram Logic In a standard application, the TCS-NF-R/K is wired in series with the load (e.g., a heater). ```mermaid [Power Source] ---- [TCS-NF-R/K] ---- [Heating Element] ---- [Neutral] | (Opens if Temp > X) ``` ### 5. Common Applications * **Safety Overheat Protection:** In coffee makers, water heaters, and microwave ovens. * **Industrial Equipment:** Protecting motors or power supplies from thermal runaway. * **HVAC Systems:** Used as a limit switch in furnaces. ---
    ✨ Follow-up Questions
    • ⤷ What is the temperature differential for the automatic reset (R) version?
    • ⤷ Can the TCS-NF-R/K be used in DC circuits?
    • ⤷ What are the mounting options available for this thermal switch?