전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TDC10-25-R

  • AI
    The **TDC10-25-R** is a high-performance ceramic power fuse manufactured by **Eaton (Bussmann Series)**. It is specifically designed as a 600V rated fuse, commonly used in high-voltage industrial applications and multimeters. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Eaton / Bussmann | | **Part Number** | TDC10-25-R | | **Fuse Type** | Ceramic, Fast-Acting | | **Current Rating** | 25 Amps | | **Voltage Rating (AC/DC)** | 600V | | **Body Material** | Ceramic | | **Dimensions** | 6.3mm x 32mm (1/4" x 1-1/4") | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### Key Electronic Components & Materials #### 1. Ceramic Body Unlike glass fuses, the TDC10 series uses a **ceramic tube**. Ceramic provides much higher thermal stability and a higher breaking capacity (interrupting rating). This allows the fuse to withstand high temperatures and internal pressure during a high-energy fault without shattering. #### 2. Internal Fuse Element Inside the ceramic body is a precision-engineered metallic wire or strip (usually silver or copper alloy). * **Fast-Acting:** The element is designed to melt almost instantly when the current exceeds 25A. * **Arc Quenching:** The interior is often filled with a granular material like **silica sand**. When the fuse blows, the sand melts into glass, which absorbs the energy and extinguishes the electrical arc. #### 3. Nickel-Plated End Caps The "Ferrules" (end caps) are made of highly conductive brass, usually plated with **nickel**. This ensures: * Low contact resistance. * Resistance to oxidation and corrosion. * High physical durability when snapped into fuse clips. --- ### Applications The TDC10-25-R is typically found in: * **Digital Multimeters (DMMs):** Protecting the high-current inputs. * **Power Supplies:** Used as primary circuit protection. * **Industrial Controls:** Protecting small motors or control transformers. * **Hobbyist Electronics:** In high-power RC battery chargers or power distribution blocks. --- ### Comparison: Glass vs. Ceramic (TDC10) | Feature | Glass Fuses (AG) | Ceramic (TDC10) | | :--- | :--- | :--- | | **Safety** | May shatter under high fault | Contains blast/arc internally | | **Interrupt Rating** | Low | Very High | | **Visibility** | Visible filament | Opaque (requires testing) |
    ✨ Follow-up Questions
    • ⤷ What is the interrupting rating (kA) of the TDC10-25-R?
    • ⤷ Can I replace a ceramic TDC10 fuse with a glass fuse of the same amperage?
    • ⤷ How do I test if a ceramic fuse is blown using a multimeter?