전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TF-R-20

  • AI
    The **TF-R-20** typically refers to a high-performance **2.0 channel (Stereo) Class D digital amplifier module**, often based on the **TPA3116D2** or a similar high-efficiency chipset. These boards are widely used in DIY audio projects due to their small footprint and high power output. --- ### 1. Key Electronic Specifications The performance of the TF-R-20 is defined by its power efficiency and voltage requirements. | Feature | Specification | | :--- | :--- | | **Chip Type** | Class D (Digital) | | **Input Voltage** | DC 12V - 24V | | **Output Power** | 2 x 50W (at 24V) | | **Output Impedance** | 4$\Omega$ to 8$\Omega$ | | **Signal-to-Noise Ratio** | 100dB | | **Frequency Response** | 20Hz - 20kHz | --- ### 2. Core Electronic Components The board is populated with several critical surface-mount (SMD) and through-hole components that handle power regulation and signal processing: #### A. Main Amplifier IC (TPA3116D2) The heart of the module. It uses **Pulse Width Modulation (PWM)** to amplify the audio signal. Because it is Class D, it is over 90% efficient, meaning it generates very little heat compared to traditional analog amplifiers. #### B. Power Filter Capacitors You will notice large electrolytic capacitors (usually 1000uF or higher). These serve two purposes: * **Energy Storage:** Providing "burst" power for deep bass notes. * **Noise Filtering:** Smoothing out ripples from the DC power supply to prevent humming. #### C. LC Filter (Inductors and Film Capacitors) Near the speaker outputs, there are sets of red/gray inductors and small capacitors. This **Low-Pass Filter** removes the high-frequency carrier wave used in Class D amplification, leaving only the clean analog audio for the speakers. #### D. Potentiometer A physical knob (variable resistor) used to control the gain or volume by adjusting the resistance of the input signal path. --- ### 3. Connection Interface | Terminal | Description | | :--- | :--- | | **VCC / GND** | Power Input (DC 12-24V). *Reverse polarity can damage the chip.* | | **Audio Input** | Usually a 3.5mm jack or a 3-pin header (L-GND-R). | | **L-OUT +/-** | Connection for the Left speaker. | | **R-OUT +/-** | Connection for the Right speaker. | --- ### 4. Safety and Implementation Tips * **Heat Dissipation:** Ensure the heatsink is securely attached to the main IC if running at 24V. * **Power Supply:** Use a "Switching Power Supply" (like a laptop brick) for the best results. A current of at least **3A to 5A** is recommended for full 50W output. * **Wiring:** Use thick gauge copper wire for speaker outputs to minimize signal loss.
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage the TF-R-20 can handle before overheating?
    • ⤷ How do I bridge the TF-R-20 for a single mono output?
    • ⤷ Can I use a 12V battery to power this module?