전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TFV3-R10

  • AI
    The **TFV3-R10** typically refers to a high-performance **Time-of-Flight (ToF) LiDAR sensor** module, often used in robotics, industrial automation, and vacuum mapping. Its electronic architecture is designed for high-speed distance measurement and environmental scanning. --- ### 1. Key Electronic Specifications The performance of the TFV3-R10 is governed by its internal optical and processing hardware. | Component / Parameter | Specification (Typical) | | :--- | :--- | | **Principle** | Time-of-Flight (ToF) | | **Operating Voltage** | 5V DC (±10%) | | **Communication Interface** | UART / Serial (TTL Level) | | **Light Source** | Infrared Laser (905nm Class I Eye-safe) | | **Ranging Frequency** | Up to 1000Hz - 4000Hz | | **Detection Range** | 0.1m to 10m (Reflectivity dependent) | | **Angular Resolution** | ~0.1° - 0.5° (Model dependent) | --- ### 2. Core Electronic Components The device functions through the integration of several specialized sub-circuits: #### A. The Emitter (Laser Diode) * **Function:** Pulses a specific wavelength of light (usually infrared). * **Driver Circuit:** A high-speed MOSFET-based driver that triggers the laser in nanosecond pulses. #### B. The Receiver (APD/SPAD) * **Sensor Type:** Usually an Avalanche Photodiode (APD) or a Single-Photon Avalanche Diode (SPAD) array. * **TDC (Time-to-Digital Converter):** A highly precise electronic clock that measures the picosecond delay between the light leaving the emitter and returning to the receiver. #### C. The Processing Unit (MCU/SoC) * **Signal Processing:** Filters noise from ambient light (sunlight) and calculates the distance using the formula: $d = \frac{c \times t}{2}$. * **Data Formatting:** Encapsulates distance, angle, and signal strength (confidence) into data packets for the host controller. #### D. The Motor & Encoder System * **Brushless DC Motor (BLDC):** Rotates the optical head 360 degrees. * **Photoelectric Encoder:** Provides feedback on the exact angular position of the laser beam at the moment of firing. --- ### 3. Data Interface & Pinout The TFV3-R10 typically connects via a 4-pin or 5-pin JST connector. | Pin | Name | Description | | :--- | :--- | :--- | | 1 | **VCC** | Power Input (+5V) | | 2 | **TX** | Data Output (To Host MCU) | | 3 | **RX** | Control Input (From Host MCU) | | 4 | **GND** | Ground | | 5 | **PWM/M_CTRL** | Motor Speed Control (Optional) | --- ### 4. Electronic Integration Tips * **Power Stability:** ToF sensors are sensitive to voltage ripples. Ensure a decoupling capacitor (100uF - 470uF) is placed near the power pins if the motor causes noise. * **Logic Levels:** Most TFV3 modules use **3.3V TTL logic**. If using a 5V microcontroller (like Arduino Uno), use a logic level shifter to prevent damage to the RX pin. * **Data Throughput:** At high scanning frequencies, the UART baud rate is typically high (e.g., 115200 or 230400 bps). Ensure your controller can handle the interrupt load.
    ✨ Follow-up Questions
    • ⤷ What is the standard UART baud rate for the TFV3-R10 data output?
    • ⤷ How does the TFV3-R10 handle ambient sunlight interference electronically?
    • ⤷ Can the scanning frequency of the TFV3-R10 be adjusted via software commands?