전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TFV3A-R10

  • AI
    Based on the technical specifications for the **TFV3A-R10**, this component is a high-precision, current-sensing metal foil resistor. It is commonly used in power management systems to monitor current flow with extreme accuracy. ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Current Sensing Chip Resistor (Metal Foil) | | **Resistance Value** | 0.10 $\Omega$ (indicated by "R10") | | **Tolerance** | Usually ±0.5% or ±1% (Standard for TFV series) | | **Power Rating** | Typically 1W to 3W (Depending on package size) | | **Technology** | Metal Foil (Low TCR) | | **Operating Temperature** | -55°C to +155°C | --- ## Key Electronic Features ### 1. Metal Foil Technology Unlike standard thick-film resistors, the **TFV series** uses a metal foil element. This provides superior stability and a very low **Temperature Coefficient of Resistance (TCR)**. This means the resistance value stays consistent even as the component heats up during operation. ### 2. Four-Terminal (Kelvin) Connection The "TFV" designation often refers to a **4-terminal** design. * **Purpose:** It separates the current-carrying terminals from the voltage-sensing terminals. * **Benefit:** This eliminates the error caused by lead and contact resistance, allowing for highly accurate current measurements. ### 3. Low Inductance The flat, foil-based construction results in very low parasitic inductance. This makes it ideal for high-frequency switching applications, such as: * DC-DC Converters * Battery Management Systems (BMS) * Motor Control Circuits --- ## Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **TFV** | Series Code (Metal Foil, 4-Terminal) | | **3A** | Case Size / Power Rating Code | | **R10** | Resistance Value ($0.10 \Omega$) | --- ## Typical Application Circuit When used in a circuit, the R10 resistor is placed in series with the load. The voltage drop across the resistor is measured to determine the current using Ohm's Law ($I = V/R$). ```cpp // Example: Calculating current in a sensing circuit float resistance = 0.10; // TFV3A-R10 value in Ohms float measuredVoltage = 0.05; // Volts measured across Kelvin terminals float current = measuredVoltage / resistance; // Result: 0.5 Amps ```
    ✨ Follow-up Questions
    • ⤷ What are the specific dimensions of the 3A package size?
    • ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy?
    • ⤷ What are the alternative resistance values available in the TFV series?