전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TG-16-R/

  • AI
    The **TG-16-R** refers to the **PC Engine** (specifically the **TurboGrafx-16** in its North American iteration) hardware revision. From an electronics standpoint, this system is a milestone in 8-bit/16-bit hybrid architecture. Below is an overview of the core electronic components and technical specifications. --- ### 1. Core Integrated Circuits (ICs) The TG-16-R architecture relies on a "Three-Chip" design philosophy developed by Hudson Soft and manufactured by NEC. | Component | Part Number | Function | | :--- | :--- | :--- | | **CPU** | HuC6280 | An 8-bit modified 6502 with a built-in Sound Processing Unit (PSG) and MMU. | | **VDC** | HuC6270 | Video Display Controller. Manages background layers and sprites. | | **VCE** | HuC6260 | Video Color Encoder. Converts digital signals to analog and manages the palette. | ### 2. Technical Specifications * **Processor (HuC6280):** * **Speed:** Switchable between 1.79 MHz and 7.16 MHz. * **Architecture:** 8-bit CPU but features 16-bit instructions and a 21-bit address bus via a Memory Management Unit (MMU). * **Graphics (Hybrid 16-bit):** * While the CPU is 8-bit, the **HuC6270 (VDC)** is a true 16-bit processor for graphics. * **Color Palette:** 512 total colors (9-bit). * **Resolution:** Typically 256x239, though software-programmable up to 512x240. * **Memory:** * **Main RAM:** 8 KB. * **Video RAM (VRAM):** 64 KB. ### 3. Power and Audio/Video Circuitry The "R" revision or general TG-16 hardware utilizes specific analog components that often require maintenance due to age. * **Voltage Regulation:** Most units use a standard **7805 voltage regulator** to step down the input voltage (usually 9V-10V DC) to a stable 5V for the ICs. * **Capacitors:** The system uses electrolytic surface-mount and through-hole capacitors. * *Note:* The TG-16 is notorious for "leaky caps" which can corrode the PCB and cause audio/video degradation. * **Audio Output:** The HuC6280 CPU generates 6-channel stereo wavetable synthesis. However, the standard TG-16 hardware only outputs Mono through the RF jack unless the Rear Expansion Port is used. ### 4. The HuCard Interface Instead of bulky cartridges, the TG-16 uses **HuCards** (TurboChips). * **Physical:** Slim, credit-card-sized PCB. * **Electronic Interface:** A 38-pin connector that maps directly to the system's address and data buses. This allows for extremely fast load times compared to optical media of the same era. --- ### Maintenance Tip: The "Jailbars" Issue Electronic interference is common in these units, resulting in vertical "jailbars" on the video output. This is often solved by: 1. **Replacing Filter Capacitors:** Renewing the caps near the VCE (HuC6260). 2. **RGB Modding:** Bypassing the stock composite/RF circuit to pull clean signals directly from the VCE pins.
    ✨ Follow-up Questions
    • ⤷ How do I perform an RGB mod on a TG-16?
    • ⤷ What are the common capacitor values needed for a TG-16 recap?
    • ⤷ How does the HuC6280 sound chip compare to the NES or Genesis?