전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TG-U3-R

  • AI
    The **TG-U3-R** (often associated with the **TopGreen** or **Vapir** series in vaporizer technology or specific industrial controller modules) refers to a system-on-board that utilizes specific electronic components to manage power, thermal regulation, and user interface. Below is a breakdown of the typical electronic internal components found in this type of hardware architecture. ### 1. Main Control Unit (MCU) The brain of the device is usually a 8-bit or 32-bit microcontroller. It manages the logic for temperature presets and safety cut-offs. | Component | Function | | :--- | :--- | | **Logic IC** | Processes input from buttons and controls the display. | | **EEPROM** | Stores user settings (e.g., last used temperature). | ### 2. Power Management & Charging Since the TG-U3-R series usually operates on lithium-ion batteries, the charging circuit is critical. * **Charging IC:** Typically a linear or switching charger (like the TP4056 or similar) that manages the CC/CV (Constant Current/Constant Voltage) charging profile via USB. * **Protection Circuit (PCM):** Prevents over-charging, over-discharging, and short circuits. * **Step-Up/Step-Down Converters:** Regulates the battery voltage (3.7V) to a stable operating voltage for the logic (3.3V) or the heating element. ### 3. Thermal Regulation (Heating System) The most energy-intensive part of the electronics. * **MOSFET:** Acts as a high-speed electronic switch to pulse power to the heating element (PWM - Pulse Width Modulation). * **Thermistor (NTC/PTC):** A temperature-sensitive resistor that provides feedback to the MCU to maintain precise heat levels. * **Heating Element:** Typically a ceramic-encapsulated resistive wire or a metal alloy coil. ### 4. User Interface (UI) Elements The physical parts that allow human interaction with the internal electronics. | Part | Description | | :--- | :--- | | **OLED/LED Display** | Shows battery life, temperature, and timer. | | **Tactile Switches** | SMD (Surface Mount Device) buttons for power and adjustment. | | **Haptic Motor** | (Optional) Provides vibration feedback when the target temperature is reached. | --- ### Technical Specifications Summary ```yaml Power_Input: 5V DC (via USB-C or Micro-USB) Battery_Type: Lithium-Polymer or 18650 Li-ion Temperature_Control: PID Loop (Proportional-Integral-Derivative) Safety_Features: Auto-shutoff, NTC Open-circuit protection ```
    ✨ Follow-up Questions
    • ⤷ What is the specific battery capacity used in the TG-U3-R?
    • ⤷ How do I troubleshoot a 'Check Atomizer' error on this board?
    • ⤷ Can the firmware on the TG-U3-R MCU be updated via USB?