TIP107L-TN3-R
AI

The **TIP107L-TN3-R** is an epitaxial silicon PNP Darlington transistor. It is widely used in medium-power switching and amplification applications where high current gain is required.
---
## 1. Technical Specifications
The following table summarizes the key electrical characteristics of the TIP107L-TN3-R:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -100 | V |
| **Collector-Base Voltage** | $V_{CBO}$ | -100 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V |
| **Collector Current (DC)** | $I_C$ | -8 | A |
| **Collector Current (Peak)** | $I_{CP}$ | -15 | A |
| **DC Current Gain** | $h_{FE}$ | 1000 (Min) | - |
| **Total Power Dissipation** | $P_D$ | 2 ($T_A=25^\circ C$) | W |
| **Package Type** | TO-252 | (D-PAK) | - |
---
## 2. Key Internal Features
The "Darlington" configuration means this part contains two transistors connected in a specific way to provide extremely high gain.
### Internal Components:
* **Two PNP Transistors:** Cascaded so that the emitter of the first drives the base of the second.
* **Base-Emitter Shunt Resistors:** Integrated to help the device turn off faster and improve thermal stability.
* **Integrated Anti-Parallel Diode:** A built-in diode between the Collector and Emitter protects the transistor against inductive back-EMF (useful when driving motors or relays).
---
## 3. Package and Ordering Logic
The Part Number **TIP107L-TN3-R** breaks down as follows:
* **TIP107:** The base model (PNP Darlington, 100V, 8A).
* **L:** Lead-free/Halogen-free (Environmentally compliant).
* **TN3:** Refers to the **TO-252** (D-PAK) surface mount package.
* **R:** Tape and Reel packaging for automated assembly.
---
## 4. Typical Applications
Due to its high gain and current handling, it is commonly used in:
1. **Industrial Controls:** Driving heavy solenoids and relays.
2. **Motor Drivers:** High-side switching in DC motor circuits.
3. **Power Linear Amplifiers:** Audio output stages.
4. **Voltage Regulators:** Pass transistors for power supplies.
---
## 5. Equivalent Circuit Representation
The Darlington pair can be visualized as a single "super" transistor:
```text
C (Collector)
|
--+--
| | |
| [R1]| <--- Integrated Resistors
| | |
B--|--+--|-- E (Emitter)
(Base) |
[R2]
```
- ⤷
What is the NPN complementary pair for the TIP107L?
- ⤷ Can this transistor be driven directly by a 3.3V microcontroller?
- ⤷ What are the thermal management requirements for the TO-252 package at 8A?