TIP32CG-TN3-R
AI

The **TIP32CG-TN3-R** is a specific variant of the TIP32C complementary PNP Power Transistor. It is widely used for medium-power switching and amplification applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
The TIP32C is part of a family of silicon epitaxial-base PNP transistors. The "C" suffix denotes the highest voltage rating in the TIP32 series, making it the most versatile for high-voltage circuits.
| Feature | Description |
| :--- | :--- |
| **Polarity** | PNP |
| **Material** | Silicon (Si) |
| **Primary Use** | General Purpose Switching & Linear Amplification |
| **Complementary Part** | TIP31C (NPN) |
---
### 2. Key Technical Specifications
The electrical parameters define the safe operating limits of the component.
| Parameter | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| Collector-Emitter Voltage | $V_{CEO}$ | -100 V |
| Collector-Base Voltage | $V_{CBO}$ | -100 V |
| Emitter-Base Voltage | $V_{EBO}$ | -5 V |
| Continuous Collector Current | $I_C$ | -3 A |
| Peak Collector Current | $I_{CP}$ | -5 A |
| Base Current | $I_B$ | -1 A |
| Total Power Dissipation ($T_C = 25^\circ C$) | $P_D$ | 40 W |
| DC Current Gain | $h_{FE}$ | 10 to 50 (at -3A) |
---
### 3. Suffix & Ordering Information Breakdown
The specific part number **TIP32CG-TN3-R** contains manufacturer-specific coding (often associated with brands like UTC - Unisonic Technologies):
* **TIP32C**: The base model (PNP, 100V, 3A).
* **G**: Usually indicates "Halogen Free" or "Green" (RoHS compliant).
* **TN3**: Refers to the **TO-252** package (also known as DPAK). This is a surface-mount package.
* **R**: Typically stands for "Tape and Reel" packaging for automated assembly.
---
### 4. Pin Configuration (TO-252 / DPAK)
When looking at the front of the device (pins pointing down):
1. **Base (B)**: Controls the transistor (Current flows when Base is pulled lower than Emitter).
2. **Collector (C)**: Connected to the load (and the large metal tab for heat dissipation).
3. **Emitter (E)**: Connected to the positive supply in most PNP configurations.
---
### 5. Common Applications
* **Switching Regulators**: Used to turn power on/off for medium-current loads.
* **Audio Amplifiers**: Often used in the output stage (paired with TIP31C).
* **Driver Circuits**: Driving solenoids, relays, or high-power LEDs.
* **DC-DC Converters**: Acting as a pass transistor.
---
- ⤷
What are the main differences between the TIP32C and the TIP42C transistors?
- ⤷ How do I calculate the heat sink requirements for a TIP32CG in a TO-252 package?
- ⤷ Can you provide a basic circuit diagram for using the TIP32C as a high-side switch?