TIP42CL-TN3-R
AI

## Overview of TIP42CL-TN3-R
The **TIP42CL-TN3-R** is a specific variant of the widely used TIP42 series. It is a **Complementary PNP Epitaxial Silicon Power Transistor** designed for medium-power linear switching and amplifier applications.
The suffix **"TN3-R"** typically refers to the packaging style (TO-252/DPAK) and the packing method (Tape & Reel).
---
### 1. Key Technical Specifications
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Transistor Type** | - | PNP | - |
| **Collector-Emitter Voltage** | $V_{CEO}$ | -60 | V |
| **Collector-Base Voltage** | $V_{CBO}$ | -60 | V |
| **Emitter-Base Voltage** | $V_{EBO}$ | -5 | V |
| **Continuous Collector Current** | $I_C$ | -6 | A |
| **Peak Collector Current** | $I_{CP}$ | -10 | A |
| **Total Power Dissipation** ($T_C = 25^\circ C$) | $P_D$ | 20 | W |
| **DC Current Gain** | $h_{FE}$ | 15 to 75 | - |
---
### 2. Physical & Packaging Characteristics
The "TN3" designation indicates the **TO-252 (DPAK)** package. This is a surface-mount device (SMD) version of the traditional through-hole TO-220 package.
* **Compact Design:** Ideal for automated assembly.
* **Thermal Performance:** Includes a large metal tab (collector) for soldering to a PCB copper plane to act as a heat sink.
* **Lead Finish:** The "L" usually signifies "Lead-Free" or "Halogen-Free" compliance (RoHS).
---
### 3. Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **Base** | Controls the current between Emitter and Collector. |
| 2 / Tab | **Collector** | Connected to the heat sink tab; output for the load. |
| 3 | **Emitter** | Usually connected to the positive supply in a PNP configuration. |
---
### 4. Typical Applications
The TIP42CL is a versatile power transistor often paired with the **TIP41C** (its NPN complement). Common uses include:
1. **Switching Regulators:** Used in DC-DC converters to handle up to 6A of current.
2. **Audio Amplifiers:** Medium-power output stages for driving speakers.
3. **Motor Drivers:** Controlling DC motors in robotics or small appliances.
4. **Relay Drivers:** Handling the high current required to trigger mechanical relays from low-power logic.
---
### 5. Circuit Design Considerations
* **PNP Operation:** Remember that the TIP42 is a PNP transistor. It "turns on" when the base voltage is pulled lower than the emitter voltage.
* **Thermal Management:** Even though it is rated for 20W, the TO-252 package requires a significant amount of PCB copper area to dissipate heat effectively if running at high currents.
* **Saturation Voltage:** The $V_{CE(sat)}$ is typically around -1.5V at 6A. Ensure your circuit can handle this voltage drop across the transistor.
- ⤷
What is the complementary NPN transistor for the TIP42CL?
- ⤷ How does the TO-252 package thermal performance compare to the TO-220 version?
- ⤷ What is the maximum switching frequency for the TIP42CL in power applications?