AI

The **TK-236-R** typically refers to a high-performance **2.4GHz RF Transceiver Module** often used in industrial remote controls, wireless data transmission, and RC systems. Below is a breakdown of its electronic characteristics and components.
---
### 1. Key Technical Specifications
The module is designed for robust communication in the ISM (Industrial, Scientific, and Medical) radio band.
| Parameter | Description |
| :--- | :--- |
| **Frequency Range** | 2.400 GHz - 2.4835 GHz |
| **Modulation** | GFSK (Gaussian Frequency Shift Keying) |
| **Operating Voltage** | 1.9V to 3.6V DC |
| **Output Power** | +20 dBm (Maximum) |
| **Data Rate** | Up to 2 Mbps |
| **Communication Interface** | SPI (Serial Peripheral Interface) |
---
### 2. Major Electronic Components
The internal circuitry of a TK-236-R module generally consists of four primary sections:
#### A. RF Transceiver IC
The heart of the module is usually based on the **nRF24L01P** or a similar high-integration chip. It handles the baseband processing, frequency synthesis, and packet handling.
#### B. Power Amplifier (PA) and LNA
Unlike standard low-power modules, the "R" variant often signifies an extended range.
* **PA (Power Amplifier):** Boosts the signal for transmission over long distances (often up to 1km line-of-sight).
* **LNA (Low Noise Amplifier):** Increases the sensitivity of the receiver to catch weak incoming signals.
#### C. Crystal Oscillator
A high-precision crystal (typically **16MHz**) provides the clock source required for stable frequency hopping and timing.
#### D. RF Front-End / Antenna
* **Antenna Port:** Usually features an IPEX/U.FL connector or an SMA bulkhead for an external 2.4GHz antenna.
* **Matching Circuit:** A network of inductors and capacitors (LC circuit) that matches the impedance to 50 ohms for maximum power transfer.
---
### 3. Pinout and Connectivity
To interface the TK-236-R with a microcontroller (like Arduino, STM32, or ESP32), the following pins are used:
| Pin Name | Function |
| :--- | :--- |
| **VCC** | Power Supply (3.3V recommended) |
| **GND** | Ground |
| **CE** | Chip Enable (Activates RX or TX mode) |
| **CSN** | SPI Chip Select |
| **SCK** | SPI Clock |
| **MOSI** | SPI Master Out Slave In |
| **MISO** | SPI Master In Slave Out |
| **IRQ** | Interrupt Request (Alerts MCU of data arrival) |
---
### 4. Application Logic Example
Here is a simplified logic structure in pseudo-code for initializing the SPI communication:
```cpp
// Basic SPI initialization for TK-236-R
void setup() {
RF24 radio(CE_PIN, CSN_PIN);
radio.begin();
radio.setPALevel(RF24_PA_MAX); // Set power to maximum
radio.setDataRate(RF24_250KBPS); // Lower rate for better range
radio.openWritingPipe(address);
}
```
- ⤷
What is the maximum effective range of the TK-236-R with a high-gain antenna?
- ⤷ Does the TK-236-R require a specific voltage regulator for 5V systems?
- ⤷ How do I configure frequency hopping to avoid WiFi interference?