전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TL074L-S14-R

  • AI
    ## Electronic Overview of TL074L-S14-R The **TL074L-S14-R** is a high-speed, quad JFET-input operational amplifier (Op-Amp). It is widely recognized for its low power consumption, high slew rate, and low input bias currents, making it ideal for high-fidelity audio and signal processing applications. ### 1. Key Specifications | Parameter | Value / Description | | :--- | :--- | | **Number of Channels** | 4 (Quad Op-Amp) | | **Input Type** | JFET (High Impedance) | | **Supply Voltage Range** | ±3.5V to ±18V (or 7V to 36V single supply) | | **Slew Rate** | 13 V/µs (Typical) | | **Gain Bandwidth Product** | 3 MHz | | **Package Type** | SOP-14 (Small Outline Package) | | **Input Bias Current** | 30 pA (Typical) | --- ### 2. Part Number Breakdown Understanding the suffix helps identify the specific physical and chemical properties of the component: * **TL074**: The base model number (Low-noise JFET Quad Op-Amp). * **L**: Often denotes "Lead-free" or a specific low-power variant depending on the manufacturer (UTC - Unisonic Technologies is common for this specific string). * **S14**: Indicates the **SOP-14** package type (Surface Mount, 14 pins). * **R**: Typically stands for **Tape & Reel** packaging for automated assembly. --- ### 3. Pin Configuration (SOP-14) The TL074L contains four independent operational amplifiers within a single 14-pin package. | Pin Number | Function | Pin Number | Function | | :--- | :--- | :--- | :--- | | 1 | Output 1 | 8 | Output 3 | | 2 | Inverting Input 1 | 9 | Inverting Input 3 | | 3 | Non-inverting Input 1 | 10 | Non-inverting Input 3 | | 4 | **Vcc+** (Positive Supply) | 11 | **Vcc-** (Negative Supply/GND) | | 5 | Non-inverting Input 2 | 12 | Non-inverting Input 4 | | 6 | Inverting Input 2 | 13 | Inverting Input 4 | | 7 | Output 2 | 14 | Output 4 | --- ### 4. Technical Features & Applications * **High Input Impedance:** Because it uses JFET inputs, it draws almost no current from the source, preventing signal loading. * **Low Harmonic Distortion:** Typically 0.003%, making it excellent for high-end audio pre-amplifiers. * **Internal Frequency Compensation:** Simplifies circuit design as it does not require external capacitors for stability. * **Common Applications:** * Audio mixers and pre-amps. * Active filters (High-pass, Low-pass). * Sample-and-hold circuits. * High-speed integrators. --- ### 5. Simple Usage Example (Voltage Follower) Here is how one channel of the TL074 could be configured in a basic buffer circuit: ```c // Schematic Logic for one Op-Amp channel: // Input Signal -> Pin 3 (Non-inverting) // Pin 2 (Inverting) connected directly to Pin 1 (Output) // Pin 4 -> +15V // Pin 11 -> -15V (or GND) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between TL074 and TL084?
    • ⤷ Can the TL074L be used with a single 5V power supply?
    • ⤷ What is the thermal operating range for the S14 package?