TL082-P08-R
AI

The **TL082-P08-R** is a specific part number for a high-speed, dual JFET-input operational amplifier (op-amp). This component is widely used in audio pre-amplification, signal conditioning, and active filtering due to its high input impedance and low noise characteristics.
---
### 1. General Specifications
The TL082 series is known for integrating well-matched, high-voltage JFET and bipolar transistors in a single monolithic integrated circuit.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Dual Operational Amplifier |
| **Input Type** | JFET-Input |
| **Supply Voltage Range** | $\pm 3.5\text{V}$ to $\pm 18\text{V}$ |
| **Slew Rate** | $13 \text{ V/}\mu\text{s}$ |
| **Bandwidth** | $3 \text{ MHz}$ |
| **Input Bias Current** | $30 \text{ pA}$ |
| **Input Offset Voltage** | $3 \text{ mV}$ |
---
### 2. Part Number Breakdown
The suffixing on electronic components usually denotes the package type and the delivery format:
* **TL082**: The base model number (Dual JFET Op-Amp).
* **P08**: Typically refers to the **DIP-8** (Dual In-line Package) with 8 pins.
* **R**: Generally signifies **Tape & Reel** packaging or a specific RoHS compliance revision depending on the manufacturer (often Unisonic Technologies - UTC).
---
### 3. Pin Configuration (DIP-8)
The TL082 contains two independent operational amplifiers.
| Pin Number | Function | Description |
| :---: | :--- | :--- |
| 1 | OUTPUT 1 | Output of the first amplifier |
| 2 | IN 1- | Inverting input of the first amplifier |
| 3 | IN 1+ | Non-inverting input of the first amplifier |
| 4 | VCC- | Negative power supply terminal |
| 5 | IN 2+ | Non-inverting input of the second amplifier |
| 6 | IN 2- | Inverting input of the second amplifier |
| 7 | OUTPUT 2 | Output of the second amplifier |
| 8 | VCC+ | Positive power supply terminal |
---
### 4. Key Features and Applications
#### Key Features:
* **Low Power Consumption**: Efficient for battery-operated devices.
* **Low Input Bias/Offset Currents**: Prevents signal distortion in high-impedance circuits.
* **Internal Frequency Compensation**: Simplifies circuit design.
* **Latch-Up Free Operation**: Increases circuit reliability.
#### Common Applications:
1. **Audio Preamplifiers**: High input impedance prevents loading of audio sources.
2. **Active Filters**: Used in High-pass, Low-pass, and Band-pass filters.
3. **Sample and Hold Circuits**: Minimal leakage due to JFET inputs.
4. **Integrators**: High-speed precision integration of signals.
---
### 5. Schematic Symbol Example
In a circuit diagram, the TL082 is represented by two standard op-amp triangles.
```text
V+ (Pin 8)
|
+-----+-----+
| | |
IN- |-\ | /-| IN+
| >--+--< |
IN+ |+/ \-| IN-
| | |
+-----+-----+
|
V- (Pin 4)
```
- ⤷What is the difference between TL082 and TL072 in audio applications?
- ⤷ Can the TL082 operate with a single-rail power supply?
- ⤷ What are the thermal limitations of the DIP-8 package for this chip?