전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TL082G-S08-R

  • AI
    The **TL082G-S08-R** is a high-speed JFET-input dual operational amplifier (op-amp). It is widely used in applications requiring high input impedance, low bias current, and high slew rates. ### 1. General Specifications The following table summarizes the key electrical and physical characteristics of the TL082G-S08-R: | Parameter | Specification | | :--- | :--- | | **Part Number Breakdown** | **TL082**: Base Series | **G**: Halogen Free | **S08**: SOP-8 Package | **R**: Tape & Reel | | **Number of Channels** | 2 (Dual Op-Amp) | | **Input Type** | JFET (High Impedance) | | **Supply Voltage (Max)** | ±18V (or 36V single supply) | | **Slew Rate** | 13 V/µs (Typical) | | **Gain Bandwidth Product** | 3 MHz | | **Input Bias Current** | 30 pA (Typical) | | **Package Type** | SOP-8 (Small Outline Package) | --- ### 2. Key Internal Components & Features The "Electronic Parts" within the integrated circuit (IC) architecture provide specific advantages: * **JFET Input Stage:** Unlike standard Bipolar op-amps, the TL082 uses Junction Field-Effect Transistors at the input. This results in extremely low input bias and offset currents, making it ideal for high-impedance sensor interfacing. * **Internal Frequency Compensation:** The chip includes internal capacitors that ensure stable operation without the need for external compensation components. * **Output Short-Circuit Protection:** The output stage is designed to handle temporary shorts to ground or supply rails without immediate destruction of the silicon die. --- ### 3. Pin Configuration (SOP-8) The TL082G-S08-R follows the standard dual op-amp pinout: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OUTPUT 1 | Output of the first amplifier | | 2 | IN 1- | Inverting input of the first amplifier | | 3 | IN 1+ | Non-inverting input of the first amplifier | | 4 | VCC- | Negative power supply | | 5 | IN 2+ | Non-inverting input of the second amplifier | | 6 | IN 2- | Inverting input of the second amplifier | | 7 | OUTPUT 2 | Output of the second amplifier | | 8 | VCC+ | Positive power supply | --- ### 4. Typical Applications Due to its high speed and low input bias, this part is commonly found in: 1. **Audio Preamplifiers:** High fidelity and low noise. 2. **Active Filters:** High slew rate allows for processing higher frequency signals. 3. **Sample and Hold Circuits:** Low leakage current due to JFET inputs. 4. **Integrators:** High input impedance prevents capacitor discharge through the input pins.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TL082 and the TL072 series?
    • ⤷ Can the TL082G-S08-R be used with a single 5V power supply?
    • ⤷ What is the thermal resistance rating for the SOP-8 package of this IC?