전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TL431L-AE3-R

  • AI
    ## Overview of TL431L-AE3-R The **TL431L-AE3-R** is a precision programmable shunt voltage reference. It is widely used in power management circuits as a cost-effective alternative to Zener diodes, offering significantly better thermal stability and adjustability. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Reference Voltage ($V_{ref}$)** | 2.495 V (Typical) | | **Output Voltage Range** | $V_{ref}$ to 36 V | | **Sink Current Capability** | 1.0 mA to 100 mA | | **Reference Input Current** | 2 µA (Typical) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | SOT-23 (3-pin) | | **Suffix "R"** | Tape & Reel packaging | --- ### 2. Internal Block Components The device consists of three main functional sections that work together to maintain a stable output: 1. **Error Amplifier:** Compares the voltage at the **Reference (REF)** pin with the internal bandgap reference. 2. **Internal Bandgap Reference:** A temperature-compensated voltage source fixed at approximately 2.495V. 3. **Output Transistor (Shunt):** An NPN-type transistor capable of sinking up to 100mA to maintain the programmed voltage. --- ### 3. Pin Configuration (SOT-23) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **REF** | Reference input; used to set the output voltage. | | 2 | **CATHODE** | The positive terminal (equivalent to Zener cathode). | | 3 | **ANODE** | The negative terminal (usually connected to ground). | --- ### 4. Application Logic The output voltage ($V_{out}$) is programmed by two external resistors ($R1$ and $R2$) acting as a voltage divider connected to the **REF** pin. #### Formula: $$V_{out} = V_{ref} \times \left(1 + \frac{R1}{R2}\right) + I_{ref} \times R1$$ *(Note: Since $I_{ref}$ is very small, it is often ignored in basic calculations.)* #### Typical Use Cases: * **Switch Mode Power Supplies (SMPS):** Used on the secondary side to provide feedback via an optocoupler. * **Voltage Monitoring:** Acting as a comparator for over/under voltage protection. * **Constant Current Source:** Maintaining a steady current across a load. --- ### 5. Implementation Example (Basic Shunt Regulator) ```cpp // Logic for selecting resistors for 5V output: // Vref = 2.495V // Target Vout = 5V // Let R2 = 10k Ohm // 5 = 2.495 * (1 + R1/10000) // R1 approx 10k Ohm ```
    ✨ Follow-up Questions
    • ⤷What are the main differences between the TL431 and the TL431L version?
    • ⤷ Can the TL431L be used as a standalone comparator?
    • ⤷ What is the minimum cathode current required for stable regulation?