전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TL432L-AF5-R

  • AI
    ## Technical Overview of TL432L-AF5-R The **TL432L-AF5-R** is a precision shunt regulator diode, often referred to as an "adjustable Zener diode." It is widely used in power management circuits for voltage regulation and monitoring. --- ### 1. Part Number Breakdown Understanding the suffix codes helps identify the specific characteristics of this component: | Component Part | Meaning | | :--- | :--- | | **TL432** | 1.25V Reference version of the classic TL431 (which is 2.5V). | | **L** | Low voltage (Reference voltage is typically 1.24V - 1.25V). | | **AF5** | SOT-25 (SOT-23-5) Package type. | | **R** | Tape and Reel packaging. | --- ### 2. Key Technical Specifications The TL432 differs from the standard TL431 primarily in its lower reference voltage, allowing it to work in lower voltage rails (like 1.8V or 3.3V systems). * **Reference Voltage ($V_{ref}$):** 1.25V (Typical). * **Output Voltage Range:** $V_{ref}$ to 18V (Adjustable via external resistors). * **Cathode Current ($I_k$):** 80mA (Maximum). * **Minimum Operating Current:** 0.4mA. * **Operating Temperature:** -40°C to +125°C. * **Package:** SOT-25 (Small Outline Transistor). --- ### 3. Pin Configuration (SOT-25) Although the package has 5 pins, not all are always used for active signals in every design. Typical layout for the AF5 package: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **Reference** | Input to the error amplifier to set output voltage. | | **2** | **Cathode** | The output terminal (equivalent to a Zener cathode). | | **3** | **NC / NC** | No internal connection. | | **4** | **NC / NC** | No internal connection. | | **5** | **Anode** | Ground reference (equivalent to a Zener anode). | --- ### 4. Typical Applications The TL432L is a versatile building block for power electronics: 1. **Switching Power Supplies (SMPS):** Used in the feedback loop (often paired with an Optocoupler) to maintain a constant output voltage. 2. **Voltage Monitoring:** Acts as a comparator for over-voltage or under-voltage detection. 3. **Constant Current Source:** Can be configured to provide a stable current regardless of load variations. 4. **Replacement for Zener Diodes:** Offers much higher precision and a lower temperature coefficient than standard Zeners. --- ### 5. Essential Design Formula To calculate the output voltage ($V_{out}$) based on two external resistors ($R_1$ and $R_2$): ```text Vout = Vref * (1 + R1 / R2) ``` *Where $V_{ref}$ is approximately 1.25V.* ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TL431 and the TL432?
    • ⤷ How do I calculate the resistor values for a 3.3V output using the TL432L?
    • ⤷ What is the stability requirement for the output capacitor in a TL432 circuit?