전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TL494L-S16-R

  • AI
    The **TL494L-S16-R** is a specialized integrated circuit designed primarily for **Pulse Width Modulation (PWM)** control. It is a widely used fixed-frequency controller that contains all the functions required for the construction of a switch-mode power supply (SMPS). --- ### 1. Component Overview The "L-S16-R" suffix typically refers to specific packaging and environmental standards: * **TL494**: The base part number for the PWM controller. * **L**: Lead-free / RoHS compliant. * **S16**: SOP-16 (Small Outline Package with 16 pins). * **R**: Taped and Reeled (for automated assembly). ### 2. Internal Functional Blocks The IC integrates several critical electronic sections into a single chip: | Block | Function | | :--- | :--- | | **Error Amplifiers** | Two internal amplifiers compare feedback voltage against a reference to regulate output. | | **Oscillator** | Generates a sawtooth waveform. Frequency is set by an external resistor ($R_T$) and capacitor ($C_T$). | | **Dead-Time Control** | Limits the maximum duty cycle to prevent "shoot-through" in power transistors. | | **PWM Comparator** | Compares the error signal with the sawtooth wave to determine the "on" time. | | **5V Reference** | Provides a stable internal voltage source for biasing and external use. | | **Output Stage** | Two uncommitted transistors that can operate in push-pull or parallel mode. | ### 3. Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 7V to 40V | | **Output Current (per pin)** | 200 mA | | **Reference Voltage** | 5.0 V (±5%) | | **Oscillator Frequency** | 1 kHz to 300 kHz | | **Operating Temperature** | -40°C to +85°C (Standard range) | --- ### 4. Pin Configuration (SOP-16) The 16 pins are categorized by their role in the control loop: 1. **Pin 1 & 2 (1IN+, 1IN-)**: Non-inverting and inverting inputs for Error Amp 1. 2. **Pin 3 (FEEDBACK)**: Compensation pin for the PWM comparator. 3. **Pin 4 (DTC)**: Dead-Time Control input. 4. **Pin 5 & 6 (CT, RT)**: External capacitor and resistor for frequency timing. 5. **Pin 7 (GND)**: Ground. 6. **Pin 8 & 11 (C1, C2)**: Collector outputs of the internal transistors. 7. **Pin 9 & 10 (E1, E2)**: Emitter outputs of the internal transistors. 8. **Pin 12 (VCC)**: Positive supply voltage. 9. **Pin 13 (OUTPUT CTRL)**: Logic input to select Push-Pull (high) or Single-Ended (low) mode. 10. **Pin 14 (REF)**: 5V Reference output. 11. **Pin 15 & 16 (2IN-, 2IN+)**: Inputs for Error Amp 2 (often used for overcurrent protection). --- ### 5. Common Applications * **PC Power Supplies**: Found in ATX power supplies for voltage regulation. * **DC-DC Converters**: Step-up (boost) or step-down (buck) circuits. * **Inverters**: Converting DC battery power to AC for motors or appliances. * **Battery Chargers**: Precise current and voltage limiting applications.
    ✨ Follow-up Questions
    • ⤷ How do you calculate the oscillator frequency for the TL494?
    • ⤷ What is the difference between Single-Ended and Push-Pull modes in this IC?
    • ⤷ How can I implement overcurrent protection using the second error amplifier?