전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TLE2425CLPR

  • AI
    ### Overview of the TLE2425CLPR The **TLE2425CLPR** is a precision **Virtual Ground Generator**, often referred to as a "rail splitter." It is manufactured by Texas Instruments and belongs to the *Excalibur* family of high-performance analog products. Its primary function is to provide a stable reference voltage at exactly half the input voltage, creating a balanced split-supply from a single-supply source. --- ### Technical Specifications The following table outlines the key electrical characteristics of the TLE2425CLPR: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 4V to 40V | | **Output Voltage** | Fixed at $V_{IN} / 2$ (typically 2.5V for 5V input) | | **Output Current** | Source: 20mA / Sink: 20mA | | **Quiescent Current** | 170 $\mu$A (Typical) | | **Output Impedance** | 0.2 $\Omega$ (Typical) | | **Operating Temperature** | 0°C to 70°C | | **Package Type** | TO-92 (3-pin, Through-Hole) | --- ### Internal Architecture and Pinout The TLE2425 uses a combination of an internal voltage divider and a high-precision operational amplifier buffer to ensure the output remains stable even under varying load conditions. #### Pin Configuration (TO-92) 1. **OUT**: The virtual ground output (Half of $V_{IN}$). 2. **COMMON (GND)**: The negative input supply pin. 3. **IN**: The positive input supply pin. --- ### Key Features and Applications #### Features * **High Precision:** Extremely low output impedance compared to a simple resistor divider. * **Bi-directional Current:** It can both sink and source current, keeping the virtual ground stable during signal swings. * **Low Power:** Designed for battery-operated equipment due to its low quiescent current. #### Typical Applications * **Single-Supply Op-Amp Circuits:** Creating a $0V$ reference for signals in a system powered by a single $9V$ or $12V$ battery. * **Data Acquisition Systems:** Providing a mid-rail reference for Analog-to-Digital Converters (ADCs). * **Audio Equipment:** Offsetting audio signals to the center of the supply voltage to prevent clipping. --- ### Implementation Example In a typical circuit, the TLE2425 is used to replace two resistors and a buffer op-amp. ```c // Circuit Schematic Logic: // [Input +9V] ----> [IN (Pin 3)] // [Ground 0V] ----> [COMMON (Pin 2)] // [Virtual Ground Output 4.5V] <---- [OUT (Pin 1)] ``` ---
    ✨ Follow-up Questions
    • ⤷ How does the TLE2425 compare to a simple resistor voltage divider?
    • ⤷ What is the maximum capacitive load the TLE2425 can drive without instability?
    • ⤷ Are there surface-mount (SMD) equivalents for the TLE2425CLPR?