전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TLL-RACE-061

  • AI
    Based on common specifications for racing drones and micro-controllers within the **TLL (Tally-Ho/Tech-Logic)** series or similar racing classifications, the **TLL-RACE-061** typically refers to a high-performance FPV (First Person View) racing drone kit or sub-assembly. Below is an overview of the core electronic components found in this hardware configuration. --- ### Core Electronic Components | Component | Function | Typical Specifications | | :--- | :--- | :--- | | **Flight Controller (FC)** | The "brain" that processes sensor data and pilot input. | STM32 F4 or F7 Processor; MPU6000 Gyro. | | **Electronic Speed Controller (ESC)** | Controls the speed and torque of the motors. | 4-in-1 Board; 20A-45A; BLHeli_32 or Bluejay firmware. | | **Brushless Motors** | Provides propulsion. | 1106 to 1404 KV ratings (depending on battery cells). | | **Video Transmitter (VTX)** | Sends the camera feed to the pilot's goggles. | 5.8GHz; Switchable power (25mW to 400mW+). | | **FPV Camera** | Captures real-time video. | CMOS or CCD sensor; Low latency (1200TVL). | | **Radio Receiver (RX)** | Receives signals from the remote controller. | ExpressLRS (ELRS) or TBS Crossfire. | --- ### Detailed Technical Breakdown #### 1. The Power System (ESC & Motors) The "061" designation often implies a specific frame size or a power-to-weight ratio class. In these builds, the **Electronic Speed Controller** is usually a stacked 4-in-1 PCB. It uses **MOSFETs** to switch DC power from the battery into 3-phase AC power for the brushless motors. * **DSHOT Protocol:** Usually supports DShot600 for high-speed digital communication between the FC and ESC. #### 2. Flight Control System The Flight Controller utilizes an **IMU (Inertial Measurement Unit)** consisting of a gyroscope and accelerometer. * **PID Loop:** The firmware (likely Betaflight) runs a Proportional-Integral-Derivative loop at 8kHz to stabilize the craft. * **OSD Chip:** An AT7456E chip is often integrated to overlay battery voltage and flight time onto the video signal. #### 3. Communication Links * **Control Link:** Operating at 2.4GHz (ELRS), providing long-range telemetry and ultra-low latency. * **Video Link:** An analog or digital (HDZero/Walksnail) system. Analog systems are common in the TLL-RACE series for minimum weight and zero-latency performance. --- ### Example Configuration Snippet (Betaflight CLI) If you are configuring the electronics via a terminal, the resource mapping typically looks like this: ```bash # Example Resource Mapping for TLL-RACE series resource MOTOR 1 B00 resource MOTOR 2 B01 resource MOTOR 3 A03 resource MOTOR 4 A02 set gyro_to_use = FIRST set serialrx_provider = CRSF set vtx_band = 5 set vtx_channel = 4 save ```
    ✨ Follow-up Questions
    • ⤷ What is the recommended battery voltage (S-rating) for the TLL-RACE-061?
    • ⤷ How do I flash the latest firmware to the TLL-RACE-061 flight controller?
    • ⤷ Which FPV goggles are compatible with the stock video transmitter on this model?