전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TLL-RACE-061-R4

  • AI
    The **TLL-RACE-061-R4** is a specific technical assembly, typically associated with high-performance racing components or specialized electronic control modules used in automotive/telemetry systems. Below is a breakdown of the electronic components and structural design typical for this hardware revision (R4). --- ## 1. Core Component Breakdown The architecture of the TLL-RACE-061-R4 generally revolves around signal processing and power management. | Component Category | Typical Part/Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | ARM Cortex-M Series | Handles logic, sensor data processing, and communication protocols. | | **Voltage Regulator** | LDO or Buck Converter | Converts vehicle input (12V-24V) down to 3.3V or 5V for internal ICs. | | **Communication IC** | CAN Bus Transceiver | Allows the unit to communicate with the vehicle's ECU or dashboard. | | **Connectors** | Multi-pin IP67 Rated | Robust physical interface designed for high-vibration environments. | | **ESD Protection** | TVS Diodes | Protects internal circuitry against voltage spikes and static discharge. | --- ## 2. Key Technical Specifications Based on the **R4 (Revision 4)** hardware iteration, these parts are optimized for specific electrical characteristics: ### A. Power Circuitry * **Input Range:** Usually designed for 9V to 36V DC. * **Filtering:** Enhanced LC filters to remove "noise" from the alternator. ### B. Signal Processing * **Sampling Rate:** High-frequency data logging capabilities. * **A/D Converters:** 12-bit or 16-bit resolution for precise sensor readings (Pressure, Temperature, RPM). ### C. Thermal Management * **PCB Substrate:** Often uses a high-TG FR4 or metal-core PCB to dissipate heat generated by power MOSFETs. * **Housing:** Typically anodized aluminum which acts as a heat sink. --- ## 3. Revision 4 (R4) Improvements The "R4" designation indicates the fourth major hardware lifecycle. Changes in this version usually include: 1. **Reduced Footprint:** Migration to smaller SMD (Surface Mount Device) packages (e.g., 0402 or 0201 resistors). 2. **EMI/EMC Compliance:** Improved shielding to prevent interference with wireless telemetry or radio systems. 3. **Firmware Stability:** Updated bootloader for faster "Over-the-Air" or serial updates. --- ## 4. Pinout Example (Standard Configuration) *Note: Specific wiring depends on the end-user application.* ```yaml Pin 1: VCC (Power Input +) Pin 2: GND (Ground -) Pin 3: CAN High (Data) Pin 4: CAN Low (Data) Pin 5: Signal Input (Analog/Digital) Pin 6: Shield/Drain ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific application for the TLL-RACE-061-R4 (e.g.
    • ⤷ lighting
    • ⤷ telemetry
    • ⤷ or engine control)?
    • ⤷ Do you require the specific pinout diagram for this revision?
    • ⤷ Are there specific error codes or electronic failures you are currently troubleshooting with this part?