전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TLP3553AF

  • AI
    ## TLP3553AF: Technical Overview The **TLP3553AF** is a high-capacity Photorelay (Solid State Relay) manufactured by Toshiba. It consists of a gallium arsenide (GaAs) infrared emitting diode optically coupled to a photo-MOSFET. It is specifically designed to replace mechanical relays in power switching applications. --- ### 1. Key Technical Specifications The following table highlights the critical electrical characteristics of the TLP3553AF: | Parameter | Symbol | Rating / Value | | :--- | :--- | :--- | | **Off-State Output Terminal Voltage** | $V_{OFF}$ | 30 V (Min) | | **On-State Current (Continuous)** | $I_{ON}$ | 4.0 A (Max) | | **On-State Resistance (Max)** | $R_{ON}$ | 0.05 $\Omega$ (Max) | | **Isolation Voltage** | $BV_S$ | 2500 Vrms (Min) | | **Package Type** | DIP4 | Through-hole (F-type lead bend) | | **Trigger LED Current** | $I_{FT}$ | 3 mA (Max) | --- ### 2. Internal Components and Operation The TLP3553AF operates using three primary internal stages: 1. **Input Side (LED):** An infrared LED. When current flows through the LED ($I_F$), it emits light. 2. **Isolation Layer:** A transparent silicone or resin layer that allows light to pass while blocking high-voltage electrical surges between input and output. 3. **Output Side (Photo-MOSFET):** A photodiode array receives the light and generates a voltage to drive the gates of two MOSFETs. When the MOSFETs are "ON," current can flow through the output terminals. --- ### 3. Advantages over Mechanical Relays Compared to traditional electromagnetic relays (EMRs), the TLP3553AF offers several benefits: * **Longevity:** No moving parts means no mechanical wear or contact pitting. * **Silent Operation:** There is no "click" sound during switching. * **Speed:** Faster switching times than mechanical counterparts. * **Low Power Consumption:** Can be driven directly by microcontrollers due to the low trigger current (3mA). * **Small Footprint:** The DIP4 package saves significant PCB space. --- ### 4. Typical Application Circuit To use the TLP3553AF, you typically need a current-limiting resistor for the input LED. ```cpp // Basic Calculation for Input Resistor (R) // R = (V_control - V_forward) / I_forward // Example: 5V Control Logic // V_f = 1.3V, I_f = 5mA (recommended) // R = (5V - 1.3V) / 0.005A = 740 Ohms ``` --- ### 5. Common Applications * **Industrial Equipment:** Programmable Logic Controllers (PLCs) and I/O interfaces. * **Power Supplies:** Switching and protection circuits. * **HVAC Systems:** Controlling fans or valves. * **Security Systems:** Replacing small signal relays.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the TLP3553A and the 'F' version (TLP3553AF)?
    • ⤷ How does the ON-state resistance change with temperature in this device?
    • ⤷ Can the TLP3553AF be used for AC load switching?