전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TLV2211CDBV

  • AI
    The **TLV2211CDBV** is a single, low-voltage, operational amplifier (Op-Amp) manufactured by Texas Instruments. It is part of the Advanced LinCMOS™ family, designed specifically for portable, battery-powered applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the TLV2211CDBV: | Parameter | Specification | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.7 V to 10 V (Single Supply) | | **Supply Current** | 13 μA (Typical) | | **Gain Bandwidth Product (GBW)** | 65 kHz | | **Slew Rate** | 0.025 V/μs | | **Input Offset Voltage** | 450 μV (Typical) | | **Input Bias Current** | 1 pA (Typical) | | **Output Type** | Rail-to-Rail | | **Package Type** | SOT-23-5 (DBV Designation) | --- ### 2. Core Features * **Rail-to-Rail Output:** The output can swing very close to the supply rails, maximizing the dynamic range in low-voltage systems. * **Micropower Consumption:** With a typical current draw of only 13 μA, it is ideal for devices that remain "always on" while running on small batteries. * **High Input Impedance:** Because it uses CMOS technology, the input bias current is extremely low (pico-ampere range), making it perfect for high-impedance sensor interfaces. * **Low Voltage Operation:** Fully characterized at 2.7 V, 3 V, and 5 V. --- ### 3. Pin Configuration (SOT-23-5) The DBV package is a 5-pin surface mount device. The pinout is standard for single op-amps in this form factor: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | OUT | Amplifier Output | | 2 | VCC- | Negative Supply (or Ground) | | 3 | IN+ | Non-inverting Input | | 4 | IN- | Inverting Input | | 5 | VCC+ | Positive Supply | --- ### 4. Typical Applications Due to its low power consumption and small footprint, the TLV2211CDBV is commonly found in: 1. **Portable Medical Equipment:** Blood glucose meters and heart rate monitors. 2. **Remote Sensors:** IoT nodes where battery life must span several years. 3. **Smoke Detectors:** Applications requiring high-impedance buffers for ionization chambers. 4. **Mobile Communication:** Battery management and signal conditioning in handsets. --- ### 5. Implementation Example Here is a basic non-inverting amplifier configuration using the TLV2211CDBV. ```python # Gain Calculation Formula: # Av = 1 + (Rf / Rin) # Example: R_in = 10000 # 10k Ohms R_f = 90000 # 90k Ohms gain = 1 + (R_f / R_in) print(f"The voltage gain is: {gain}") # Output: 10 ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TLV2211 and the TLV2211A variant?
    • ⤷ Can the TLV2211CDBV be used in high-speed signal processing?
    • ⤷ What are the thermal considerations for the SOT-23-5 package in this IC?