전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TLV2211CDBVRG4

  • AI
    ## Overview of TLV2211CDBVRG4 The **TLV2211CDBVRG4** is a high-performance, low-voltage, single operational amplifier (Op-Amp) manufactured by **Texas Instruments**. It belongs to the Advanced LinCMOS™ family and is specifically designed for portable and battery-powered applications due to its extremely low power consumption and rail-to-rail output capabilities. --- ### Key Technical Specifications The following table summarizes the primary electrical characteristics of the device: | Parameter | Specification | | :--- | :--- | | **Type** | CMOS Operational Amplifier | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Min/Max)** | 2.7V to 10V (±1.35V to ±5V) | | **Supply Current (Typical)** | 11 µA | | **Gain Bandwidth Product (GBW)** | 65 kHz | | **Slew Rate** | 0.025 V/µs | | **Output Type** | Rail-to-Rail | | **Package / Case** | SOT-23-5 | | **Operating Temperature** | 0°C to 70°C | --- ### Core Electronic Features #### 1. Advanced LinCMOS™ Technology The device uses Texas Instruments' proprietary silicon-gate CMOS process. This provides high input impedance (reducing current leakage) and allows the device to operate at very low voltages while maintaining stability. #### 2. Micropower Consumption With a typical supply current of only **11 µA**, this part is ideal for "always-on" monitoring circuits where power conservation is critical. #### 3. Rail-to-Rail Output The output swing can reach very close to the supply rails (within millivolts). This maximizes the dynamic range, which is essential when working with low-voltage supplies like 3V or 3.3V batteries. #### 4. Low Input Bias Current Because it is a CMOS-based Op-Amp, the input bias current is exceptionally low (typically **1 pA**). This makes it perfect for interfacing with high-impedance sensors or integrating circuits where bias current would normally cause significant errors. --- ### Pin Configuration (SOT-23-5) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | IN+ | Non-inverting input | | 2 | GND/V- | Ground or Negative supply | | 3 | IN- | Inverting input | | 4 | OUT | Amplifier output | | 5 | VCC+ | Positive power supply | --- ### Typical Applications * **Battery-Powered Instrumentation:** Handheld multimeters or gas sensors. * **Active Filters:** Low-frequency filtering where power is limited. * **Sensor Signal Conditioning:** Buffering high-impedance pH probes or photodiode signals. * **Portable Medical Equipment:** Heart rate monitors or glucose meters.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TLV2211 and the TLV2221 models?
    • ⤷ Can this Op-Amp be used for high-speed signal processing?
    • ⤷ What is the significance of the 'G4' suffix in the part number?