전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TLV2711CDBV

  • AI
    ## Technical Overview of the TLV2711CDBV The **TLV2711CDBV** is a single-channel, low-voltage, operational amplifier (Op-Amp) manufactured by Texas Instruments. It is specifically designed for power-sensitive, portable applications where battery life is a critical factor. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the TLV2711CDBV: | Parameter | Specification | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.7 V to 10 V | | **Quiescent Current ($I_Q$)** | 3.4 $\mu$A (Typical) | | **Gain Bandwidth Product (GBW)** | 65 kHz | | **Slew Rate** | 0.025 V/$\mu$s | | **Input Offset Voltage ($V_{IO}$)** | 450 $\mu$V (Typical) | | **Output Type** | Rail-to-Rail | | **Package Type** | SOT-23-5 (DBV) | --- ### 2. Notable Features * **Micropower Consumption:** With a typical current draw of only 3.4 $\mu$A, it is ideal for "always-on" monitoring circuits in battery-powered devices. * **Rail-to-Rail Output:** The output swing can reach near the supply rails, maximizing the dynamic range in low-voltage systems. * **Low Input Bias Current:** Utilizing CMOS technology, it maintains very low input bias currents (approx. 1 pA), making it suitable for high-impedance sensor interfaces. * **Wide Supply Range:** It supports operation from a single 3V or 5V cell, up to a 10V supply. --- ### 3. Pin Configuration (SOT-23-5) The TLV2711CDBV uses a standard 5-pin SOT-23 layout: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT** | Amplifier Output | | 2 | **VCC-** | Negative Power Supply / Ground | | 3 | **IN+** | Non-inverting Input | | 4 | **IN-** | Inverting Input | | 5 | **VCC+** | Positive Power Supply | --- ### 4. Typical Applications Due to its low power and low speed (65 kHz bandwidth), it is commonly used in: * **Battery Monitoring:** Detecting voltage levels in portable electronics. * **Sensor Signal Conditioning:** Buffering outputs from high-impedance sensors (e.g., pH sensors, PIR sensors). * **Active Filters:** Low-frequency filtering (e.g., heart rate monitoring/medical devices). * **Remote Telemetry:** Systems that must operate for years on a single coin-cell battery. --- ### 5. Part Number Breakdown ```text TLV 2711 C DBV | | | | | | | +-- Package Designator (SOT-23-5) | | +----- Temperature Range (Commercial: 0°C to 70°C) | +--------- Device Series (Micropower CMOS Op-Amp) +-------------- Texas Instruments Low Voltage Series ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TLV2711 and the TLV2721?
    • ⤷ Can the TLV2711 be used for high-frequency signal processing?
    • ⤷ What is the maximum output current this Op-Amp can drive?