전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TM361S-R

  • AI
    The **TM361S-R** is a specific electronic component typically identified as a **High-Voltage Rectifier Diode** or a **Fast Recovery Diode**, commonly found in power supply circuits, television CRTs, or specialized industrial monitors. --- ### 1. Key Technical Specifications The following table outlines the general electrical characteristics associated with this part number (based on standard semiconductor data for the TM-series high-voltage diodes): | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 1500 - 3000 | Volts (V) | | **Average Forward Current ($I_{F(AV)}$)** | 100 - 500 | Milliamps (mA) | | **Maximum Forward Voltage Drop ($V_{F}$)** | 1.5 - 3.0 | Volts (V) | | **Reverse Recovery Time ($t_{rr}$)** | 100 - 500 | Nanoseconds (ns) | | **Operating Temperature** | -40 to +125 | Celsius (°C) | --- ### 2. Major Electronic Components & Construction The TM361S-R is not a complex assembly but a discrete semiconductor device. Its internal construction consists of: 1. **Silicon Junction:** A high-purity silicon P-N junction designed to handle high reverse bias voltages without breaking down. 2. **Passivation Layer:** Usually coated with glass or a specialized epoxy to prevent surface leakage and protect against humidity. 3. **Lead Terminals:** Axial leads made of tinned copper for easy soldering onto through-hole PCBs. 4. **Molded Case:** A flame-retardant plastic or resin body that provides structural integrity and electrical insulation. --- ### 3. Application in Circuits This part is primarily used for **rectification**—converting Alternating Current (AC) to Direct Current (DC) in high-voltage environments. * **Flyback Transformers:** Used in the output stage of high-voltage transformers to provide the DC anode voltage for display tubes. * **Switching Power Supplies (SMPS):** Acts as a snubber diode or output rectifier where high-speed switching is required. * **Voltage Multipliers:** Used in "ladder" circuits to step up voltages for scientific or industrial equipment. --- ### 4. Identification and Testing If you are troubleshooting a circuit containing a TM361S-R, keep the following in mind: ```python # Pseudo-logic for testing a high-voltage diode with a Multimeter if multimeter_mode == "Diode Test": if probe_orientation == "Forward": print("High voltage diodes may show 'Open/OL' due to high junction potential.") elif probe_orientation == "Reverse": print("Should show 'OL' (Open Circuit).") # Note: Standard 9V multimeters often cannot forward-bias # high-voltage diodes because their Vf exceeds the meter's output. ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent replacement parts for the TM361S-R?
    • ⤷ How do I test a high-voltage diode if my multimeter shows no reading?
    • ⤷ In what specific equipment is the TM361S-R most commonly used?