전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TNC-R2-CF

  • AI
    ## Technical Overview: TNC-R2-CF The **TNC-R2-CF** is a high-precision, industrial-grade connector primarily used in Radio Frequency (RF) and telecommunications applications. It belongs to the **TNC (Threaded Neill-Concelman)** family, which is a threaded version of the BNC connector, providing enhanced stability and performance at higher frequencies. --- ### 1. Key Electronic & Physical Specifications The electronic performance of the TNC-R2-CF is defined by its ability to maintain signal integrity and minimize loss across high-frequency bands. | Feature | Specification | | :--- | :--- | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 11 GHz (Optimized performance up to 6 GHz) | | **Voltage Rating** | 500 Volts Peak | | **Dielectric Withstanding** | 1500 Volts RMS | | **Contact Resistance** | Center: ≤ 1.5 mΩ / Outer: ≤ 0.2 mΩ | | **Insulation Resistance** | ≥ 5000 MΩ | --- ### 2. Materials and Construction The "CF" suffix often denotes specific mounting or material configurations (frequently referring to **Chrome/Nickel Finish** or **Flange** mounting). * **Body Material:** Typically Brass with Nickel or Albaloy plating for corrosion resistance. * **Center Contact:** Phosphor Bronze or Beryllium Copper, usually plated with **Gold** to ensure maximum conductivity and oxidation resistance. * **Insulator:** PTFE (Teflon), chosen for its low dielectric constant and high thermal stability. * **Gasket/Seal:** Silicone rubber to provide IP-rated environmental protection. --- ### 3. Structural Components 1. **Threaded Coupling:** Unlike BNC (bayonet), the TNC-R2-CF uses a screw-on mechanism. This reduces "signal noise" caused by physical vibration. 2. **Reverse Polarity (RP) Option:** Some "R" designations indicate Reverse Polarity, where the male/female pin configuration is swapped to comply with FCC regulations for certain wireless equipment. 3. **Mounting Type:** This specific part is often a **Panel Mount** or **Bulkhead** type, allowing it to be fixed onto an electronic enclosure. --- ### 4. Applications * **Wireless Infrastructure:** Wi-Fi antennas, cellular base stations, and GPS modules. * **Industrial Controls:** High-vibration environments where BNC connectors might shake loose. * **Testing & Measurement:** Used in RF labs for signal generators and oscilloscopes. * **Aerospace:** Due to the secure threaded connection and high-frequency stability. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between TNC and RP-TNC in terms of pin configuration?
    • ⤷ How does the PTFE insulator affect the signal performance at 11 GHz?
    • ⤷ Is the TNC-R2-CF compatible with standard RG-58 coaxial cables?