전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TNETE22

  • AI
    The **TNETE22** is a specialized integrated circuit (IC) primarily designed by Texas Instruments. It belongs to the **ThunderLAN** family and functions as a single-chip Ethernet controller, typically used in network interface cards (NICs) and embedded networking equipment. --- ### 1. Key Technical Specifications The TNETE22 integrates several layers of network processing into a single package. | Feature | Description | | :--- | :--- | | **Protocol Support** | IEEE 802.3 10Base-T, 10Base-FL | | **Bus Interface** | PCI (Peripheral Component Interconnect) 2.1 compliant | | **Data Rate** | 10 Mbps (Half/Full Duplex) | | **Architecture** | 32-bit internal data path | | **Package Type** | PQFP (Plastic Quad Flat Pack) | | **Process Tech** | CMOS low power consumption | --- ### 2. Functional Blocks The internal architecture of the TNETE22 consists of several critical electronic sections: #### A. PCI Interface This part of the chip handles communication with the host computer's motherboard. It manages DMA (Direct Memory Access) transfers, allowing the chip to move data to and from the system memory without taxing the CPU. #### B. MAC (Media Access Control) The MAC layer handles the framing, addressing, and error detection (CRC) for Ethernet packets. It ensures that data adheres to the Ethernet protocol before being transmitted or after being received. #### C. PHY (Physical Layer Interface) The TNETE22 often includes or interfaces directly with the physical transceiver. It converts digital data into the electrical signals required for transmission over twisted-pair (copper) or fiber optic cables. #### D. FIFO Buffers Internal First-In-First-Out (FIFO) buffers store incoming and outgoing packets. This prevents data loss during periods of high network congestion or when the PCI bus is busy. --- ### 3. Application Use Cases Because the TNETE22 is a legacy component, it is commonly found in: * **Legacy Industrial PCs:** Systems requiring stable 10Mbps Ethernet connectivity. * **Network Hubs/Routers:** Older networking hardware from the late 90s and early 2000s. * **Embedded Systems:** Industrial automation boards that do not require Gigabit speeds. --- ### 4. Pin Configuration Example (General) While specific pinouts vary by package, the electronic connections generally fall into these categories: ```cpp // General Categories of Pins for TNETE22 AD[31:0] // Address/Data Bus (PCI) C/BE[3:0] // Bus Command and Byte Enables FRAME_L // Cycle Frame (PCI Control) TRDY_L // Target Ready TXP/TXN // Differential Transmit Pair (Physical) RXP/RXN // Differential Receive Pair (Physical) CLK // System Clock Input ```
    ✨ Follow-up Questions
    • ⤷ What are the modern replacements for the TNETE22 in industrial networking?
    • ⤷ Does the TNETE22 support 100Mbps Fast Ethernet or is it strictly 10Mbps?
    • ⤷ What are the power requirements and voltage levels for the TNETE22 chip?