전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TNETE2201APHD

  • AI
    The **TNETE2201APHD** is a specialized integrated circuit (IC) primarily designed for telecommunications and networking infrastructure. It belongs to the Texas Instruments (TI) "ThunderLAN" family, specifically acting as a **PCI Ethernet Controller**. --- ## 1. Core Technical Specifications This chip was widely used in the late 90s and early 2000s for high-performance network interface cards (NICs) and embedded systems. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Texas Instruments (TI) | | **Package Type** | PQFP (Plastic Quad Flat Pack) - 128 Pins | | **Interface** | 32-bit PCI Local Bus (v2.1 compliant) | | **Network Speed** | 10/100 Mbps (Fast Ethernet) | | **Duplex Support** | Full-Duplex and Half-Duplex | | **Technology** | CMOS | --- ## 2. Functional Electronic Sections The internal architecture of the TNETE2201APHD is divided into several key electronic blocks: ### A. PCI Bus Interface * **DMA Controller:** Built-in Direct Memory Access (DMA) engine allows the chip to move data directly between system memory and the network buffer without heavy CPU intervention. * **Configuration Space:** Contains registers required for Plug-and-Play (PnP) resource allocation. ### B. Media Access Control (MAC) Layer * Handles the framing of data packets. * Performs error checking (CRC generation and verification). * Manages CSMA/CD protocols for collision detection in half-duplex mode. ### C. Physical Layer (PHY) Interface * While some versions integrate the PHY, the TNETE2201 series typically utilizes an **MII (Media Independent Interface)** to connect to an external physical layer transceiver (the component that handles the actual electrical signals over copper or fiber). --- ## 3. Pinout and Physical Characteristics The **PHD** suffix refers to the specific physical package: * **Package Code:** PHD (TI specific designation). * **Pins:** 128 leads. * **Mounting:** Surface Mount Technology (SMT). --- ## 4. Common Use Cases Historically, this electronic part was found in: 1. **PCI Network Cards:** For desktop computers requiring 100BASE-TX connectivity. 2. **Industrial Embedded Boards:** Used in automation where reliable PCI-to-Ethernet bridging was required. 3. **Routers/Switches:** As a management port controller. --- ## 5. Status Note > **Warning:** This part is generally considered **Obsolete (EOL)**. For modern designs, engineers typically use integrated SoC (System on Chip) solutions or PCIe-based controllers like the Intel I210 or Realtek RTL8111 series.
    ✨ Follow-up Questions
    • ⤷ What is the pin configuration for the MII interface on this chip?
    • ⤷ Are there modern pin-compatible replacements for the TNETE2201APHD?
    • ⤷ How does the DMA engine in this chip optimize CPU usage?