전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TS-323-R/

  • AI
    The **TS-323-R** is a high-performance, single-phase, industrial-grade Solid State Relay (SSR) typically used for switching resistive or inductive loads. Below is a detailed breakdown of its electronic components, specifications, and internal architecture. ### 1. Key Technical Specifications The "R" suffix usually denotes a **Random-on** switching capability (as opposed to Zero-Cross), making it suitable for phase control or highly inductive loads. | Parameter | Specification | | :--- | :--- | | **Control Voltage** | 3 - 32 VDC (Standard Logic Level) | | **Load Voltage Range** | 24 - 480 VAC | | **Rated Load Current** | 25A - 40A (Model dependent, usually 25A) | | **Switching Type** | Random-on (Phase Control compatible) | | **Dielectric Strength** | 2500 VAC (Input to Output) | | **Operating Temp** | -30°C to +80°C | --- ### 2. Internal Electronic Architecture An SSR like the TS-323-R is comprised of three main stages: #### A. Input Circuit (Control Side) * **Optoisolator:** The core component. It uses an internal LED and a phototransistor/phototriac to transfer the control signal via light, ensuring no electrical connection between the DC control circuit and the AC load. * **Current Limiting Resistor:** Protects the internal LED from high current when 32V is applied. * **Reverse Polarity Diode:** Protects the input if the DC wires are connected backward. #### B. Trigger Circuit * **Random Turn-on Circuit:** Unlike Zero-Cross SSRs, this circuit allows the device to turn on immediately upon receiving a signal, regardless of the AC sine wave position. This is essential for dimming or speed control applications. #### C. Output Circuit (Power Side) * **TRIAC or Back-to-Back Thyristors (SCRs):** These are the heavy-duty semiconductors that handle the actual AC current. Back-to-back SCRs are preferred for industrial models like the TS-323-R because they dissipate heat better and handle higher surge currents than a single TRIAC. * **RC Snubber Network:** An internal Resistor-Capacitor circuit that protects the SCRs from voltage spikes ($dv/dt$) caused by inductive loads (like motors or transformers). --- ### 3. Physical Components & Materials * **Baseplate:** Typically made of high-thermal-conductivity aluminum or copper. It acts as the primary heat sink interface. * **Encapsulation:** The internals are potted in a high-grade epoxy resin to protect against moisture, vibration, and dust. * **LED Indicator:** A small surface-mount LED on the faceplate to indicate when the control voltage is active. --- ### 4. Wiring Diagram Representation The TS-323-R follows the standard "Hockey Puck" footprint: ```text [ LOAD ] (1) (2) | | --+----------+-- | | | TS-323-R | | | --+----------+-- (3) (4) | | [ + ] [ - ] (DC CONTROL) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Zero-Cross and Random-on switching for this model?
    • ⤷ Does the TS-323-R require an external heat sink for 25A loads?
    • ⤷ How do I test if the internal SCR of the TS-323-R has failed?