전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TS-RDP5

  • AI
    The **Transcend TS-RDP5** (commonly known as the RDP5 Card Reader) is a compact, USB 2.0 multi-card reader. While it appears simple on the outside, its internal electronic architecture is designed to bridge the gap between various flash memory protocols and the Universal Serial Bus (USB) standard. --- ### 1. Key Internal Components | Component | Description | Function | | :--- | :--- | :--- | | **Microcontroller (MCU) / Bridge Chip** | Typically an Alcor Micro or Genesys Logic controller. | Manages data translation between SD/MMC/MS protocols and USB. | | **USB 2.0 Interface** | Type-A Male Connector. | Provides 5V power and data differential signaling (D+/D-). | | **Crystal Oscillator** | Usually 12.000 MHz. | Provides the clock signal for the controller to synchronize data transfers. | | **Voltage Regulator (LDO)** | Low-Dropout Regulator (3.3V). | Steps down the 5V USB power to 3.3V required by the flash memory cards. | | **LED Indicator** | Surface Mount Device (SMD) LED. | Provides visual feedback on power status and data read/write activity. | --- ### 2. Functional Block Diagram Analysis The electronics of the TS-RDP5 function through three main stages: #### A. Power Management The device draws **5V DC** from the USB port. Because most flash memory cards (SDHC, microSD) operate at **3.3V**, an onboard LDO regulator stabilizes the voltage to prevent damaging the inserted cards. #### B. The Bridge Controller (The "Brain") This is the Integrated Circuit (IC) at the heart of the device. It performs: * **Protocol Conversion:** It translates the specialized command sets of SD (Secure Digital) or MS (Memory Stick) into standard **USB Mass Storage Class (MSC)** commands. * **Buffer Management:** It holds small amounts of data in internal RAM to ensure smooth transfer speeds. #### C. Card Slot Connectors The TS-RDP5 features physical pins for two primary slots: 1. **SD/MMC Slot:** Supports SD, SDHC, and MMC. 2. **microSD Slot:** Dedicated slot for T-Flash/microSDHC (eliminating the need for an adapter). --- ### 3. Technical Specifications (Electronic Performance) * **Interface:** USB 2.0 (High-Speed) * **Transfer Rate:** Up to 480 Mbps (theoretical maximum). * **Operating Voltage:** 5V (from USB). * **Operating Temperature:** 0°C (32°F) to 70°C (158°F). * **Compatibility:** Backward compatible with USB 1.1. --- ### 4. Common Failure Points From an electronic repair perspective, these units typically fail due to: * **Solder Joint Fatigue:** The USB connector pins may break away from the PCB due to physical stress. * **Electrostatic Discharge (ESD):** Without robust shielding, the controller chip can be fried by static when inserting a card. * **Pin Deformity:** The physical copper pins inside the SD slot can bend, causing a short circuit.
    ✨ Follow-up Questions
    • ⤷ Does the TS-RDP5 support UHS-I or UHS-II high-speed cards?
    • ⤷ What is the difference between the TS-RDP5 and the newer TS-RDF5 model?
    • ⤷ Can both card slots be used simultaneously on this device?