TSOP132..P10TR
AI

The **TSOP132..P10TR** series represents a specific line of miniaturized infrared (IR) receiver modules designed for remote control systems. These components integrate a PIN diode and a preamplifier into a single lead frame, encapsulated in an epoxy package that acts as an IR filter.
---
### 1. General Specifications
The "P10TR" suffix typically refers to the packaging style (Top View) and the tape-and-reel shipping format.
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V |
| **Supply Current ($I_S$)** | 0.7 mA (typical) |
| **Transmission Distance** | Up to 45 meters |
| **Carrier Frequency** | 30 kHz to 56 kHz (model dependent) |
| **Output Type** | Active Low (Logic 0 when IR is detected) |
---
### 2. Internal Functional Blocks
The device is much more than a simple photodiode; it contains complex circuitry to ensure reliable communication:
1. **PIN Photodiode:** Converts the IR light signal into an electrical current.
2. **Preamplifier:** Boosts the weak signal from the photodiode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light noise.
4. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38kHz) to block interference from fluorescent lights or sunlight.
5. **Demodulator:** Removes the carrier frequency and outputs the raw data bits.
---
### 3. Pin Configuration (P10 Package)
The P10TR variant is a surface-mount (SMD) device. While always verify with the specific datasheet, the standard pinout for this series is:
* **Pin 1 (OUT):** Data output signal.
* **Pin 2 (GND):** Ground connection.
* **Pin 3 ($V_S$):** Power supply input.
---
### 4. Key Application Circuitry
To ensure stable operation, a simple RC filter is recommended on the supply line to suppress power ripples.
```cpp
// Typical Hardware Setup
// [VS] ----[ 100 Ohm Resistor ]----+----[ Pin 3 (VS) ]
// |
// [ 4.7 uF Capacitor ]
// |
// [GND] ---------------------------+----[ Pin 2 (GND) ]
// [MCU Pin] <--------------------------[ Pin 1 (OUT) ]
```
---
### 5. Selection Criteria
When using the TSOP132 series, the **AGC version** is critical.
* **TSOP132/134:** Optimized for short burst codes (like RC5/RC6).
* **TSOP131/133:** Optimized for continuous data or long bursts.
* **P10TR:** Indicates a surface mount package oriented for "Top View" reception, provided on a tape for automated assembly.
- ⤷
What is the difference between the TSOP132 and TSOP134 series?
- ⤷ How does the AGC (Automatic Gain Control) handle ambient light interference?
- ⤷ Can this sensor be used for continuous data transmission or only for remote control pulses?