TSOP146..
AI

The **TSOP146** series consists of miniaturized receivers for infrared (IR) remote control systems. These components integrate a PIN diode and a preamplifier into a single lead frame, while the epoxy package acts as an IR filter.
---
## 1. Internal Functional Block Diagram
The TSOP146 contains several electronic stages to process weak IR signals into clean digital pulses.
| Stage | Function |
| :--- | :--- |
| **PIN Diode** | Converts incoming IR light into a small electrical current. |
| **Preamplifier** | Amplifies the weak signal from the photodiode. |
| **AGC (Automatic Gain Control)** | Adjusts sensitivity to suppress noise from ambient light (fluorescent lamps, sunlight). |
| **Band Pass Filter** | Filters the signal to only allow a specific carrier frequency (e.g., 38kHz). |
| **Demodulator** | Removes the carrier wave to leave only the data signal. |
| **Output Stage** | Typically an NPN transistor that pulls the signal to Ground (Active Low). |
---
## 2. Technical Specifications
The TSOP146 belongs to a family where the last two digits often denote the carrier frequency.
| Parameter | Value (Typical) |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V |
| **Supply Current ($I_S$)** | 0.7 mA |
| **Carrier Frequency ($f_o$)** | 30 kHz to 56 kHz (Standard is often 38kHz) |
| **Transmission Distance** | Up to 45 meters |
| **Output Type** | Active Low (Logic 0 when IR is detected) |
---
## 3. Pin Configuration
The TSOP146 typically uses a 3-pin layout. **Note:** Always verify the specific datasheet for the sub-variant, as some pinouts are mirrored.
```text
_________
/ \
| ( O ) | <-- IR Sensor Window
\_________/
| | |
1 2 3
1: OUT (Data Signal)
2: GND (Ground)
3: Vs (Power Supply)
```
---
## 4. Typical Application Circuit
To ensure stable operation and noise immunity, a small RC filter is recommended on the supply line.
```c
// Basic Hardware Connection
Vs (Pin 3) <-- [ 100 Ohm Resistor ] <-- 5V DC
|
[ 4.7uF Capacitor ] -- to GND
|
GND (Pin 2) <-- Ground
OUT (Pin 1) <-- Microcontroller GPIO (Internal Pull-up enabled)
```
---
## 5. Key Design Features
* **High Immunity to Noise:** Specially designed to ignore "optical noise" from energy-saving lamps (CFLs).
* **Low Power Consumption:** Ideal for battery-operated devices.
* **TTL/CMOS Compatibility:** The output can be directly connected to an Arduino, ESP32, or Raspberry Pi without level shifting.
- ⤷
What is the difference between the TSOP146 and the TSOP1738?
- ⤷ How do I troubleshoot a TSOP146 that is not responding to a remote?
- ⤷ Can the TSOP146 be used for continuous data transmission or only for bursts?