전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TSR-50AD-H-R

  • AI
    The **TSR-50AD-H-R** is a specific model of a **Three-Phase Solid State Relay (SSR)** typically manufactured by brands like Fotek. It is designed to switch high-power industrial loads using an electronic signal rather than mechanical contacts. --- ### 1. Breakdown of the Model Name The alphanumeric code provides specific details about the component's internal electronics and ratings: | Code Segment | Description | Details | | :--- | :--- | :--- | | **TSR** | Type | **Three-Phase** Solid State Relay | | **50** | Current Rating | **50 Amperes** per phase | | **A** | Input Signal | **AC** Controlled (typically 80-250V AC) | | **D** | Output Voltage Type | **DC to AC** (Control is DC/AC, Load is AC) | | **H** | High Voltage | Supports higher load voltages (up to 480V AC) | | **R** | Switching Type | **Random Switching** (Turns on instantly) | --- ### 2. Key Electronic Specifications These parts are engineered to handle heavy industrial environments. * **Input (Control Side):** Usually operates on a wide range of AC voltage (80-250VAC), allowing it to be triggered by standard mains power or PLC outputs. * **Output (Load Side):** Rated for up to 480VAC. The 50A rating is the maximum capacity, but heat dissipation is required for continuous operation. * **Switching Method (Random vs. Zero-Cross):** * The **"R"** indicates **Random Switching**. * Unlike "Zero-Cross" relays (which wait for the voltage to hit 0V to turn on), a Random SSR turns on the moment it receives a signal. This is critical for applications involving **inductive loads** (like motors) or phase-angle control. --- ### 3. Internal Components & Construction The TSR-50AD-H-R consists of several integrated electronic stages: 1. **Opto-Isolator:** Provides electrical isolation between the low-voltage control signal and the high-voltage load to protect the controller. 2. **Trigger Circuit:** Detects the input signal and activates the power semiconductors. 3. **TRIACs/Thyristors:** The actual "electronic switches." Three sets (one for each phase) of back-to-back thyristors (SCRs) handle the high-current flow. 4. **RC Snubber:** An internal Resistor-Capacitor circuit that protects the relay from voltage spikes ($dv/dt$) caused by switching inductive loads. --- ### 4. Comparison: TSR-50AD-H vs. TSR-50AD-H-R | Feature | TSR-50AD-H (Standard) | TSR-50AD-H-R (Random) | | :--- | :--- | :--- | | **Turn-on Point** | Zero-Crossing (Reduces noise) | Instantaneous (Faster response) | | **Best For** | Resistive loads (Heaters) | Inductive loads (Motors, Transformers) | | **EMI/RFI** | Low electrical noise | Higher electrical noise | --- ### 5. Essential Installation Parts To use this part safely, the following accessories are required: * **Heat Sink:** Mandatory for 50A. SSRs generate heat (~1.2W per Amp per phase). * **Thermal Paste:** Applied between the SSR base and the heat sink for efficient heat transfer. * **Fast-Acting Fuses:** Used to protect the internal thyristors from short circuits.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Zero-Cross and Random switching in practical applications?
    • ⤷ How do I calculate the required heat sink size for a 50A load?
    • ⤷ Can this SSR be used to control a 3-phase motor direction?