TSSP40..SS1XB
AI

## TSSP40..SS1XB Series: High-Gain IR Sensor Modules
The **TSSP40..SS1XB** series (specifically manufactured by Vishay) consists of compact infrared (IR) receiver modules designed for **proximity sensing** and **reflective sensing** applications. Unlike standard IR receivers used for remote controls, these are optimized for continuous carrier wave detection.
---
### 1. Key Technical Specifications
The specific part number varies based on the carrier frequency (e.g., TSSP4038 operates at 38 kHz).
| Parameter | Value / Range | Unit |
| :--- | :--- | :--- |
| **Supply Voltage (Vs)** | 2.5 to 5.5 | V |
| **Supply Current (Is)** | 0.7 (typical) | mA |
| **Carrier Frequency** | 38, 56 (model specific) | kHz |
| **Transmission Distance** | Up to 8 (Direct) | m |
| **Operating Temperature** | -25 to +85 | °C |
| **Output Type** | Active Low (Open Collector) | - |
---
### 2. Internal Architecture
The module integrates several electronic components into a single three-pin package (Side View or Top View depending on suffix):
1. **Photo Diode:** A high-sensitivity PIN diode that converts incoming IR light into electrical current.
2. **Preamplifier:** Boosts the weak signal from the photodiode.
3. **Band Pass Filter (BPF):** Removes noise and only allows the specific carrier frequency (e.g., 38 kHz) to pass.
4. **Demodulator:** Converts the pulsed IR signal into a logic level (High/Low).
5. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for ambient light interference.
---
### 3. Pin Configuration
These parts typically follow a standard 3-pin layout:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | **OUT** | Data Output (Active Low) |
| **2** | **GND** | Ground |
| **3** | **Vs** | Supply Voltage |
---
### 4. Circuit Implementation
To ensure stable performance, a simple RC filter is recommended for the supply line to suppress power noise.
```c
// Typical Connection Schematic
// [IR Receiver] [Microcontroller]
// Pin 1 (OUT) --------> GPIO Input (with pull-up)
// Pin 2 (GND) --------> GND
// Pin 3 (Vs) --[100R]-- VCC (3.3V or 5V)
// |
// [4.7uF Cap]
// |
// GND
```
---
### 5. Primary Applications
Unlike the TSOP series (meant for data communication), the **TSSP** series is designed for fixed-gain applications where the presence/absence of an IR beam is required:
* **Proximity Sensors:** Detecting an object approaching a device.
* **Reflective Sensors:** Measuring the reflection of an IR LED off a surface.
* **Light Barriers:** Used in "trip-wire" security or counting systems.
* **Optical Encoders:** Sensing rotation or movement in mechanical parts.
- ⤷
What is the difference between TSSP and TSOP series sensors?
- ⤷ How do I calculate the resistor value for the IR LED paired with this receiver?
- ⤷ Can this sensor be used for long-range communication?