전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • TX1-R5

  • AI
    The **TX1-R5** typically refers to a high-performance telemetry or remote-control receiver module, often used in professional drone systems, industrial automation, or RC aviation (specifically within the Crossfire or similar long-range ecosystems). Below is a breakdown of the electronic architecture and components associated with this type of module. --- ## 1. Core Electronic Components The module is built on a multi-layer PCB designed for high-frequency signal integrity. | Component | Function | | :--- | :--- | | **Microcontroller (MCU)** | Usually an ARM Cortex-M series (e.g., STM32). It handles signal processing, protocol decoding, and failsafe logic. | | **RF Chipset** | Semtech SX1280 or similar LoRa/FLRC capable chips, responsible for 2.4GHz or 900MHz wireless transmission. | | **Power Management (PMIC)** | Low-dropout regulators (LDO) that step down input voltage (usually 5V) to 3.3V for the internal logic. | | **Low Noise Amplifier (LNA)** | Increases the sensitivity of the incoming weak radio signals from the transmitter. | | **Power Amplifier (PA)** | Boosts the outgoing signal for telemetry feedback to the controller. | --- ## 2. Technical Specifications These parts are engineered to provide high refresh rates and long-range connectivity. ### Signal Processing * **Modulation:** Uses LoRa (Long Range) or FLRC (Fast Line-of-Sight Robust Communication) to ensure a stable link even in noisy environments. * **Latency:** Designed for sub-5ms end-to-end latency. * **Diversity:** Often features dual antenna ports (IPEX/U.FL connectors) to prevent signal "nulls" through spatial diversity. ### Input/Output Interface * **UART:** Communicates with the Flight Controller (FC) via Universal Asynchronous Receiver-Transmitter. * **Output Protocols:** Supports CRSF (Crossfire), SBUS, or PWM depending on the firmware configuration. * **Telemetry:** Capable of sending battery voltage, GPS coordinates, and link quality (LQ) back to the user. --- ## 3. Physical Layout and Connectivity ```mermaid graph LR A[Antenna] --> B[RF Filter/Switch] B --> C[LNA/PA] C --> D[RF Transceiver] D --> E[MCU] E --> F[UART Pins to FC] ``` --- ## 4. Operational Safety Features 1. **Failsafe Logic:** The MCU monitors the connection status. If the signal is lost for a predefined period (e.g., 100ms), it sends a specific command to the host device to trigger an emergency landing or "Return to Home." 2. **Brown-out Protection:** Capacitors on the power rail prevent the module from rebooting during momentary voltage drops caused by high-draw motors or servos. 3. **Binding Button/Circuit:** A physical tactile switch or a "plug-in" binding circuit allows the receiver to synchronize its unique ID with the transmitter.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage range for the TX1-R5?
    • ⤷ How do I configure the UART baud rate for this module?
    • ⤷ Does the TX1-R5 support OTA (Over-The-Air) firmware updates?