전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • U-AH2N-R

  • AI
    Based on the technical nomenclature and common industry standards, the **U-AH2N-R** typically refers to a specialized **Halogen Lamp Unit** or an **Illumination Module**, most commonly associated with Olympus microscopy systems (such as the BX or IX series). Below is a detailed breakdown of its electronic components and specifications. --- ### 1. Technical Specifications This unit is designed to house a high-intensity halogen bulb and manage the electrical connection to a power supply (transformer). | Feature | Specification | | :--- | :--- | | **Lamp Type** | Halogen | | **Compatible Bulb** | 12V 100W (e.g., Phillips 7724) | | **Input Voltage** | 12V DC/AC (Regulated by external supply) | | **Connection Type** | Multi-pin proprietary connector or standard terminal | | **Material** | Heat-resistant ceramic and metal housing | --- ### 2. Core Electronic Components The U-AH2N-R is not a complex logic board; rather, it is a **precision opto-electronic housing**. Its electronic parts include: #### A. Lamp Socket (Ceramic G6.35) * **Function:** Holds the two pins of the 100W halogen bulb. * **Material:** High-grade ceramic to withstand temperatures exceeding 300°C. * **Contacts:** Gold-plated or high-conductivity alloy to prevent oxidation and arcing. #### B. Wiring Harness * **Insulation:** Uses Teflon (PTFE) or fiberglass braided sleeving. This is critical because standard PVC insulation would melt due to the proximity of the halogen filament. * **Gauge:** Heavy-duty copper wiring to handle the **8.3 Amperes** required by a 100W bulb at 12V. #### C. Thermal Management Parts * **Heat Sink:** The "R" in the suffix often denotes a design with improved heat dissipation (Reflector or Rear-vented). * **Housing:** Cast aluminum fins that act as a passive radiator to draw heat away from the electrical contacts. --- ### 3. Connection and Integration The unit connects to a **Power Supply Unit (PSU)**, such as the Olympus TH4-100 or TH4-200. ```python # Example of the electrical power calculation for this unit voltage = 12 # Volts wattage = 100 # Watts # Current (I) = P / V current_draw = wattage / voltage print(f"Required Current: {current_draw:.2f} Amps") # Output: Required Current: 8.33 Amps ``` --- ### 4. Maintenance Notes * **Resistance Check:** If the unit fails, use a multimeter to check the continuity between the input pins and the socket terminals. * **Contact Degradation:** Over time, the socket terminals can develop "pitting." If the resistance increases, the bulb will appear dim or flicker. * **Polarity:** As a halogen system, it is generally polarity-insensitive, though the external power supply provides stabilized DC to prevent "flicker" in imaging applications. ---
    ✨ Follow-up Questions
    • ⤷ What are the symptoms of a failing G6.35 socket in this unit?
    • ⤷ Which external power supply models are compatible with the U-AH2N-R?
    • ⤷ How do I replace the wiring harness if it becomes brittle from heat?